Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 11 Page - Extech Instruments Corporation.

Part # TH10
Description  Temperature Datalogger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TH10 Datasheet(HTML) 11 Page - Extech Instruments Corporation.

Back Button TH10 Datasheet HTML 4Page - Extech Instruments Corporation. TH10 Datasheet HTML 5Page - Extech Instruments Corporation. TH10 Datasheet HTML 6Page - Extech Instruments Corporation. TH10 Datasheet HTML 7Page - Extech Instruments Corporation. TH10 Datasheet HTML 8Page - Extech Instruments Corporation. TH10 Datasheet HTML 9Page - Extech Instruments Corporation. TH10 Datasheet HTML 10Page - Extech Instruments Corporation. TH10 Datasheet HTML 11Page - Extech Instruments Corporation. TH10 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TH10 V1.0 9/07
11
Battery Replacement
It is highly recommended that the battery be replaced every 12 months, or prior to logging critical data.
The TH10 does not lose its stored readings when the battery weakens or when the battery is replaced; the data
logging process will however be stopped and cannot be re-started until the battery has been replaced and the
logged data has been downloaded to PC.
Use only 3.6V lithium batteries. Before replacing the battery, remove the datalogger from the PC. Follow
diagrammatic steps 1 through 4 below.
NOTE: Leaving the RHT10 plugged into the PC USB port longer than necessary will cause some of the battery
capacity to be lost.
WARNING: Handle lithium batteries carefully, observe warnings on battery casing. Dispose of in accordance
with local regulations.
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com