Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # TH10
Description  Temperature Datalogger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TH10 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  TH10 Datasheet HTML 1Page - Extech Instruments Corporation. TH10 Datasheet HTML 2Page - Extech Instruments Corporation. TH10 Datasheet HTML 3Page - Extech Instruments Corporation. TH10 Datasheet HTML 4Page - Extech Instruments Corporation. TH10 Datasheet HTML 5Page - Extech Instruments Corporation. TH10 Datasheet HTML 6Page - Extech Instruments Corporation. TH10 Datasheet HTML 7Page - Extech Instruments Corporation. TH10 Datasheet HTML 8Page - Extech Instruments Corporation. TH10 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TH10 V1.0 9/07
4
MENU BAR DESCRIPTION
The main menu for the software appears as follows:
From left to right the MENU BAR icons represent DATA DOWNLOAD, LOGGER SETUP, FILE OPEN, FILE
SAVE-AS, FILE PRINT, VIEW ALL, and ZOOM. In addition, the FILE, VIEW, LINK, and HELP pull-down menus
are available here. All of these functions are described in the following paragraphs.
LOGGER SETUP
Click on the computer icon on the menu bar (2
nd from left) or select LOGGER SET from the LINK pull-down
menu. The Setup window will appear as shown below; descriptions for each field in the Setup window are listed
directly below the illustration:
The CURRENT TIME field will automatically synchronize with the PC date and time setting.
The MANUAL and INSTANT select buttons allow the user to start data logging immediately when the Setup
window is exited (INSTANT), or at a later time (MANUAL).
The LOGGER NAME field allows the user to select a unique name for the TH10.
The SAMPLE POINTS field instructs the TH10 to take a fixed number of readings.
The SAMPLE RATE pull-down menu instructs the TH10 to log readings at a specific rate.
The LED Flash Cycle can be set by the user: longer cycle times help to extend the battery life.
The ALARM SETTINGS area of the SETUP window allows the user to set high and low temperature limits
and disable the flashing of the TH10’s LEDs, thereby conserving battery energy.
Once the changes have been made, click on the SETUP button to save them. Press the DEFAULT button to set
the TH10 back to factory default conditions. Press the CANCEL button to abort the setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com