Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # TH10
Description  Temperature Datalogger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TH10 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  TH10 Datasheet HTML 1Page - Extech Instruments Corporation. TH10 Datasheet HTML 2Page - Extech Instruments Corporation. TH10 Datasheet HTML 3Page - Extech Instruments Corporation. TH10 Datasheet HTML 4Page - Extech Instruments Corporation. TH10 Datasheet HTML 5Page - Extech Instruments Corporation. TH10 Datasheet HTML 6Page - Extech Instruments Corporation. TH10 Datasheet HTML 7Page - Extech Instruments Corporation. TH10 Datasheet HTML 8Page - Extech Instruments Corporation. TH10 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TH10 V1.0 9/07
2
Introduction
Congratulations on your purchase of the Relative Humidity and Temperature Datalogger. This datalogger
measures and stores up to 32,000 temperature. The user can easily set up the logging rate, high/low alarm and
start-mode, and download the stored data by plugging the module into a PC's USB port and running the supplied
PC software. Temperature data can then be graphed, printed and exported to other applications. The data
logger is supplied with a long-life lithium battery, which can typically allow logging for one year. This meter is
shipped fully tested and calibrated and, with proper use, will provide years of reliable service
Features
Memory for 32,000 readings
Selectable data sampling rate: 2s, 5s, 10s, 30s, 1m, 5m, 10m, 30m, 1hr, 2hr, 3hr, 6hr, 12hr, 24hr
Status Indication via Red/Yellow LED and Green LED
USB Interface for Set-up and Data Download
User-Programmable Alarm Thresholds for Temperature
Analysis software used to view graph
Long battery life
Description
1.
Protective cover
2.
USB connector to PC port
3.
Start button
4.
Temperature sensor
5.
Alarm LED (red/yellow)
6.
Record LED (green)
7.
Mounting clip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com