Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # TH10
Description  Temperature Datalogger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TH10 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button TH10 Datasheet HTML 4Page - Extech Instruments Corporation. TH10 Datasheet HTML 5Page - Extech Instruments Corporation. TH10 Datasheet HTML 6Page - Extech Instruments Corporation. TH10 Datasheet HTML 7Page - Extech Instruments Corporation. TH10 Datasheet HTML 8Page - Extech Instruments Corporation. TH10 Datasheet HTML 9Page - Extech Instruments Corporation. TH10 Datasheet HTML 10Page - Extech Instruments Corporation. TH10 Datasheet HTML 11Page - Extech Instruments Corporation. TH10 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TH10 V1.0 9/07
10
Specifications
Overall Range
-40 to 158
oF (-40 to 70oC)
Accuracy (-40 to -10 and +40 to +70
oC)
±2
oC
Accuracy (-10 to +40
oC)
±1
oC
Accuracy (-40 to +14 and 104 to 158
oF)
±3.6
oF
Temperature
Accuracy (+14 to 104
oF)
±1.8
oF
Logging rate
Selectable sampling interval: From 2 seconds up to 24 hours
Operating temperature
-31 to 176
oF (-35 to 80oC)
Battery type
3.6V Lithium (1/2 AA) (SAFT LS14250, Tadiran TL-5101 or equivalent)
Battery life
1 year (typ.) depending on logging rate, ambient temperature, & use of Alarm LEDs
Dimensions/Weight
4x1x.9” (101x25x23mm) / 6oz (172g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com