Electronic Components Datasheet Search
  English  ▼

X  

TK15321 Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 3 Page - TOKO, Inc

  TK15321 Datasheet HTML 1Page - TOKO, Inc TK15321 Datasheet HTML 2Page - TOKO, Inc TK15321 Datasheet HTML 3Page - TOKO, Inc TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
May 1999 TOKO, Inc.
Page 3
TK15321
TEST CIRCUITS AND METHODS
SW6
~
10 kHz
1 Vrms
SW8
10 k
Ω
SW7
SW3
V
~
V
_
THD
SW2
SW5
SW4
VCC
33 µF
SW1
LH
SW9
1 kHz
1 Vrms
or
2 Vrms
~
1: The above condition represents 1ch.
2: The above conditions distortion rate of 1-Ach and dynamic range measurement.
3: SW5 is for residual noise measurement.
4: SW8 is for cross talk (ISO or SEP) measurement.
CONTROL LOW/HIGH LEVEL (FIGURE 2)
This level is to measure the threshold level.
1) Input, the V
CC to Pin 1. (This condition is the same with
other measurements, omitted from the next for simplicity)
2) Input to Pin 4 with sine wave (f = 1 kHz, V
IN = 1 Vrms).
3) Connect an oscilloscope to Pin 3.
4) Elevate the control voltage from 0 V gradually, until the
sine wave appears at the oscilloscope. This voltage is
the threshold level when the wave appears.
Figure 1
A
VCC
SUPPLY CURRENT (FIGURE 1)
This current is a consumption current with a nonloading
condition.
1) Measure the inflow current to Pin 1 from V
CC.
This
current is the supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com