Electronic Components Datasheet Search
  English  ▼

X  

TK15321 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 1 Page - TOKO, Inc

  TK15321 Datasheet HTML 1Page - TOKO, Inc TK15321 Datasheet HTML 2Page - TOKO, Inc TK15321 Datasheet HTML 3Page - TOKO, Inc TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 1999 TOKO, Inc.
Page 1
TK15321
FEATURES
s Wide Operating Voltage Range (3 to 14 V)
s Low Distortion (typ. 0.004%)
s Wide Dynamic Range (typ. 6 V
P-P)
s Low Output Impedance (typ. 20
Ω)
s Low Switching Noise (typ. 3 mV)
BLOCK DIAGRAM
TK15321
APPLICATIONS
s Audio Systems
s Radio Cassettes
Audio Analog Switch
DESCRIPTION
The TK15321M is an Analog Switch IC that was developed
for audio frequency. Function is to select one output from
two inputs in a device that includes two circuits, and the
channel can be changed by low level. The TK15321M has
a mono-power supply and the input bias is a built-in type
(V
CC / 2 V). Because the distortion is very low, the TK15321M
fits various signals switching. It is best suited for Hi-Fi
devices. Operating voltage is wide, the circuit plan is
simple. The TK15321M is available in a small plastic
surface mount package (SSOP-12).
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK15321M
GND
VCC
Bch
Ach
1KEY
Bch
OUT
Ach
2 KEY
NC
11
10
9
8
7
OUT
NC
1ch-in
2ch-in
+
-
+
-
+
-
+
-
Reg. (VCC / 2)
Ach
Bch
1ch-in
Ach
Bch
2ch-in
VCC
1 ch ou
1KEY
2 ch ou
2KEY
GND


Similar Part No. - TK15321

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
Audio Analog Switch
TK15322M TOKO-TK15322M Datasheet
199Kb / 12P
Audio Analog Switch
TK15322MTL TOKO-TK15322MTL Datasheet
199Kb / 12P
Audio Analog Switch
TK15322MTL/322 TOKO-TK15322MTL/322 Datasheet
199Kb / 12P
Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
Audio Analog Switch
More results

Similar Description - TK15321

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
Audio Analog Switch
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
Audio Analog Switch
TK15220 TOKO-TK15220 Datasheet
132Kb / 12P
Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
Audio Analog Switch
TK15324 TOKO-TK15324 Datasheet
201Kb / 12P
Audio Analog Switch
TK15325 TOKO-TK15325 Datasheet
207Kb / 12P
Audio Analog Switch
TK15326 TOKO-TK15326 Datasheet
210Kb / 12P
Audio Analog Switch
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
Audio Analog Switch
TK15329 TOKO-TK15329 Datasheet
209Kb / 16P
Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com