Electronic Components Datasheet Search
  English  ▼

X  

TK15321 Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc TK15321 Datasheet HTML 10Page - TOKO, Inc TK15321 Datasheet HTML 11Page - TOKO, Inc TK15321 Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
May 1999 TOKO, Inc.
Page 11
TK15321
APPLICATION INFORMATION (CONT.)
OUTPUT TERMINAL VOLTAGE DIFFERENCE
This parameter is the output voltage difference between Ach and Bch, and appears when the channel changes from Ach
to Bch, or changes to the reverse. Generally, this is called Switching Noise or Pop Noise. If this value is big and if this
noise is amplified by the final amplifier and is outputted by the speakers, then it appears as a Shock Sound. Output terminal
voltage difference of the TK15321M is a value that adds the internal bias difference and the off-set voltage difference. The
value of the TK15321M is very small; its maximum value is 13 mV. Toko can offer the “Muting IC” if users wish to mute
Switching Noise.
DIRECT TOUCH
The signal input terminals:
Internal circuits are operated by constant current circuit, even if V
CC or GND is contacted, damage does not
occur.
The signal output terminal:
Outflow or inflow current is decided by ability of final transistor, but protection circuit is not attached. If GND or V
CC are
contacted damage may occur. Pay attention to long time contact. Do not supply over the maximum rating.
Referenced to GND, do not provide to all terminals over V
CC +0.3 V or -0.3 V.
DC SIGNAL INPUT
The output of the TK15321M has a saturation voltage (both V
CC and GND sides about 1.0 V); accordingly the use of a DC
signal is not recommend (e.g., the pulse signal etc.)
NC TERMINAL
NC terminals are not wired inside IC by bonding wire. NC terminals are not tested so do not connect at outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com