Electronic Components Datasheet Search
  English  ▼

X  

TK15321 Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc TK15321 Datasheet HTML 10Page - TOKO, Inc TK15321 Datasheet HTML 11Page - TOKO, Inc TK15321 Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8
May 1999 TOKO, Inc.
TK15321
-70
SEPARATION
vs. FREQUENCY
f (kHz)
-110
0.1
1
10
100
-90
-100
-80
-60
CONTROL THRESHOLD VS.
TEMPERATURE
TA (°C)
0
-20
0
20
40
60
80
1
0.5
1.5
VOLTAGE GAIN VS.
TEMPERATURE
TA (°C)
-20
0
20
40
60
80
0
-.1
+.1
TYPICAL PERFORMANCE CHARACTERISTICS
V
CC = 8 V, TA = 25 °C, unless otherwise specified.
1
4
SUPPLY CURRENT VS.
SUPPLY VOLTAGE
VCC (V)
0
0
2
4
6
8
10 12
14
16
3
2
5
6
0.1
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
f (kHz)
0.001
0.1
1
10
100
0.01
0.1
TOTAL HARMONIC DISTORTION
vs. LOAD RESISTANCE
RL (kΩ)
0.001
0.1
1
10
100
0.01
5
DYNAMIC RANGE
vs. SUPPLY VOLTAGE
VCC (V)
0
0
2
4
6
8
10
12 14
16
1
2
3
4
2
DYNAMIC RANGE
vs. LOAD RESISTANCE
RL (kΩ)
0
0.1
1
10
100
1
-70
ISOLATION
vs. FREQUENCY
f (kHz)
-110
0.1
1
10
100
-90
-100
-80
-60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com