Electronic Components Datasheet Search
  English  ▼

X  

TK15321 Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK15321
Description  Audio Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15321 Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK15321 Datasheet HTML 4Page - TOKO, Inc TK15321 Datasheet HTML 5Page - TOKO, Inc TK15321 Datasheet HTML 6Page - TOKO, Inc TK15321 Datasheet HTML 7Page - TOKO, Inc TK15321 Datasheet HTML 8Page - TOKO, Inc TK15321 Datasheet HTML 9Page - TOKO, Inc TK15321 Datasheet HTML 10Page - TOKO, Inc TK15321 Datasheet HTML 11Page - TOKO, Inc TK15321 Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
May 1999 TOKO, Inc.
Page 9
TK15321
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
V
CC = 8 V, TA = 25 °C, unless otherwise specified.
RESIDUAL NOISE VS.
TEMPERATURE
TA (°C)
-20
0
20
40
60
80
0
2
6
4
OUTPUT DIFFERENCE VS.
TEMPERATURE
TA (°C)
-20
0
20
40
60
80
0
1
3
2
TERMINAL VOLTAGE AND CIRCUIT
Condition: V
CC = 8 V.
VCC / 2
65 K
100
.
O
N
N
I
PT
N
E
M
N
G
I
S
S
AE
G
A
T
L
O
V
C
DN
O
I
T
C
N
U
F
/
T
I
U
C
R
I
C
1V
C
C
V
8n
i
P
e
g
a
t
l
o
V
y
l
p
p
u
S
2
4
9
1
1
B
N
I
,
A
N
IV
4
n
i
P
t
u
p
n
I
l
a
n
g
i
S
3
0
1
T
U
OV
4
n
i
P
t
u
p
t
u
O
l
a
n
g
i
S
5
8
Y
E
KV
4
.
1
n
i
P
l
o
r
t
n
o
C
2
1D
N
GV
0n
i
P
d
n
u
o
r
G
6
7
C
Ng
n
i
t
a
o
l
Fn
i
P
t
c
a
t
n
o
C
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com