Electronic Components Datasheet Search
  English  ▼

X  

LMX2541 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2541
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LMX2541 Datasheet HTML 32Page - National Semiconductor (TI) LMX2541 Datasheet HTML 33Page - National Semiconductor (TI) LMX2541 Datasheet HTML 34Page - National Semiconductor (TI) LMX2541 Datasheet HTML 35Page - National Semiconductor (TI) LMX2541 Datasheet HTML 36Page - National Semiconductor (TI) LMX2541 Datasheet HTML 37Page - National Semiconductor (TI) LMX2541 Datasheet HTML 38Page - National Semiconductor (TI) LMX2541 Datasheet HTML 39Page - National Semiconductor (TI) LMX2541 Datasheet HTML 40Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
3.8 LOOP FILTER
Loop filter design can be rather complicated, but there are
design tools and references available at www.national.com.
The loop bandwidth can impact the size of loop filter capaci-
tors and also how the phase noise is filtered. For optimal
integrated phase noise, choose the bandwidth to be about
20% wider than the frequency where the in-band PLL phase
noise (as described in 3.4 PLL PHASE NOISE) and open loop
VCO noise cross. This optimal loop bandwidth may need ad-
justment depending on the application requirements. Reduc-
tion of spurs can be achieved by reducing the loop bandwidth.
On the other hand, a wider loop bandwidth may be required
for faster lock time. Note that using the integrated loop filter
components can lead to a significant restriction on the loop
bandwidth and should be used with care. 2 k
Ω for R3_LF and
R4_LF is a good starting point. If the integrated loop filter re-
stricts the loop bandwidth, then first try to relieve this restric-
tion by reducing the integrated loop filter resistors and then
reduce the capacitors only if necessary.
3.9 CONFIGURING THE LMX2541 FOR OPTIMAL
PERFORMANCE
1.
Determine the Channel Spacing (f
CH)
For a system that has a VCO that tunes over several
frequencies, the channel spacing is the tuning increment.
In the case that the VCO frequency is fixed, this channel
spacing is the greatest number that divides both the VCO
frequency and the OSCin frequency.
2.
Determine OSCin Frequency (f
OSCin)
If the OSCin frequency is not already determined, then
there are several considerations. A higher frequency is
generally, but not always, preferable. One reason for this
is that it has a higher slew rate if it is a sine wave. Another
reason is that the clock for the VCO frequency calibration
is based on the OSCin frequency and in general will run
faster for higher OSCin frequencies.
Although a higher OSCin frequency is desirable, there
are also reasons to use a lower frequency. If the OSCin
frequency is strategically chosen, the worst case
fractional spur channels might fall out of band. Also, if the
OSCin frequency can be chosen such that the fractional
denominator can avoid factors of 2 and/or 3, the sub-
fractional spurs can be reduced.
3.
Determine the Phase Detector Frequency (f
PD) ,
Charge Pump Gain (K
PD) and Fractional Denominator
(FDEN)
In general, choose the highest phase detector frequency
and charge pump gain, unless it leads to loop filter
capacitor values that are unrealistically large for a given
loop bandwidth. In this case, reducing either the phase
detector frequency or the charge pump gain can yield
more feasible capacitor values. Other reasons for not
using the highest charge pump gain is to allow some
adjustment margin to compensate for changes in the
VCO gain or allow the use of Fastlock.
For choosing the fractional denominator, start with FDEN
= f
PD/fCH. As discussed previously, there might be
reasons to choose larger equivalent fractions.
4.
Design the Loop Filter
5.
Determine the Modulator Order
6.
Determine Dithering and Potential Larger Equivalent
Fractional Value
3.9 EXTERNAL VCO MODE
The LMX2541 also has provisions to be driven with an exter-
nal VCO as well. In this mode, the user has the option of using
the RFout pin output, although if this pin is used, the VCO
input frequency is restricted to 4 GHz. If not used, the RFout
pin should be left open. The VCO input is connected to the
ExtVCOin pin. Because the internal VCO is not being used,
the part option that is being used does not have a large impact
on phase noise or spur performance. It is also possible to
switch between both Full Chip mode and External VCO mode.
3.10 DIGITAL FSK MODE
The LMX2541 supports 2-level digital frequency shift keying
(FSK) modulation. The bit rate is limited by the loop bandwidth
of the PLL loop. As a general rule of thumb, it is desirable to
have the loop bandwidth at least twice the bit rate. This is
achieved by changing the N counter rapidly between two
states. The fractional numerator and denominator are restrict-
ed to a length of 12 bits. The 12 LSB’s of the numerator and
denominator set the center frequency, Fcenter, and the 10
MSB’s of the numerator set the frequency deviation, Fdev.
The LMX2541 has the ability to switch between two different
numerator values based on the voltage at the DATA pin.
When DATA is low, the output frequency will be Fcenter –
Fdev and when the DATA pin is high the output frequency will
be Fcenter + Fdev.A limitation of the FSK mode is that it does
not function on integer channels and the frequency deviation
can not cause the N counter to cross integer boundaries.
When using FSK mode, the FDM bit needs to be set to zero.
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com