Electronic Components Datasheet Search
  English  ▼

X  

LMX2541 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2541
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2541 Datasheet HTML 4Page - National Semiconductor (TI) LMX2541 Datasheet HTML 5Page - National Semiconductor (TI) LMX2541 Datasheet HTML 6Page - National Semiconductor (TI) LMX2541 Datasheet HTML 7Page - National Semiconductor (TI) LMX2541 Datasheet HTML 8Page - National Semiconductor (TI) LMX2541 Datasheet HTML 9Page - National Semiconductor (TI) LMX2541 Datasheet HTML 10Page - National Semiconductor (TI) LMX2541 Datasheet HTML 11Page - National Semiconductor (TI) LMX2541 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCO Phase Noise (Note 9)
L(f)
Fout
Phase Noise
2060E
f
RFout =
Min VCO
Frequency
10 kHz Offset
-89.7
dBc/Hz
100 kHz Offset
-113.7
1 MHz Offset
-134.9
10 MHz Offset
-155.4
20 MHz Offset
-160.3
f
RFout =
Max VCO
Frequency
10 kHz Offset
-86.5
100 kHz Offset
-111.4
1 MHz Offset
-132.8
10 MHz Offset
-153.4
20 MHz Offset
-158.5
L(f)
Fout
Phase Noise
2380E
f
RFout =
Min VCO
Frequency
10 kHz Offset
-87.9
dBc/Hz
100 kHz Offset
-112.7
1 MHz Offset
-133.8
10 MHz Offset
-154.2
20 MHz Offset
-159.5
f
RFout =
Max VCO
Frequency
10 kHz Offset
--83.4
100 kHz Offset
-109.1
1 MHz Offset
-130.8
10 MHz Offset
-151.8
20 MHz Offset
-157.5
L(f)
Fout
Phase Noise
2690E
f
RFout =
Min VCO
Frequency
10 kHz Offset
-86.9
dBc/Hz
100 kHz Offset
-111.8
1 MHz Offset
-133.3
10 MHz Offset
-154.2
20 MHz Offset
-159.4
f
RFout =
Max VCO
Frequency
10 kHz Offset
-82.3
100 kHz Offset
-108.4
1 MHz Offset
-130.3
10 MHz Offset
-151.1
20 MHz Offset
-156.7
L(f)
Fout
Phase Noise
3030E
f
RFout =
Min VCO
Frequency
10 kHz Offset
-86.1
dBc/Hz
100 kHz Offset
-110.5
1 MHz Offset
-132.0
10 MHz Offset
-152.2
20 MHz Offset
-157.1
f
RFout =
Max VCO
Frequency
10 kHz Offset
-82.2
100 kHz Offset
-107.7
1 MHz Offset
-129.4
10 MHz Offset
-150.5
20 MHz Offset
-156.1
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com