Electronic Components Datasheet Search
  English  ▼

X  

LMX2541 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2541
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2541 Datasheet HTML 8Page - National Semiconductor (TI) LMX2541 Datasheet HTML 9Page - National Semiconductor (TI) LMX2541 Datasheet HTML 10Page - National Semiconductor (TI) LMX2541 Datasheet HTML 11Page - National Semiconductor (TI) LMX2541 Datasheet HTML 12Page - National Semiconductor (TI) LMX2541 Datasheet HTML 13Page - National Semiconductor (TI) LMX2541 Datasheet HTML 14Page - National Semiconductor (TI) LMX2541 Datasheet HTML 15Page - National Semiconductor (TI) LMX2541 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Typical Performance Characteristics (Not Guaranteed)
PLL Phase Noise
30073307
The above plot demonstrates the PLL phase noise of the LMX2541SQ3700E operating at 3700 MHz output frequency, phase detector frequency of 100 MHz,
and charge pump gain of 32X. The loop bandwidth was made as wide as possible to fully expose the PLL phase noise and reference source was a 100 MHz
Wenzel crystal. This measurement was done in integer mode. To better understand the impact of using fractional mode, consult the applications section.
The measured noise is the sum of the PLL 1/f noise and noise floor. At offsets below 1 kHz, the PLL 1/f noise is dominates and changes as 10 dB/decade. The
noise at 1 kHz is dominated by this 1/f noise and has a value of -103 dBc/Hz. In the 100 - 200 kHz offset range, the noise is -113.7 dBc/Hz and is dominated by
the PLL noise floor. It can be shown that if the effects of the loop filter peaking and the 1/f noise are subtracted away from this measurement, it would be about
0.6 dB better.
If the phase detector frequency is changed with the VCO frequency held constant, the PLL noise floor will change, but the 1/f noise will remain the same. If the
VCO frequency is changed, both the 1/f noise and PLL noise floor change as 20 dB/decade.
Divider Noise Floor vs. Divider Value Value
(f
VCO = 3700 MHz, Various values for VCO_DIV)
30073326
When the divider is engaged (VCO_DIV >0), then the entire system phase noise is reduced by a factor of 20 × log(VCO_DIV). However, the noise floor of the
divider will also add to this noise as is visible at far offsets. Note that the noise floor for Bypass mode is lower because the VCO divider is not engaged.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com