Electronic Components Datasheet Search
  English  ▼

X  

LMX2541 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2541
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMX2541 Datasheet HTML 3Page - National Semiconductor (TI) LMX2541 Datasheet HTML 4Page - National Semiconductor (TI) LMX2541 Datasheet HTML 5Page - National Semiconductor (TI) LMX2541 Datasheet HTML 6Page - National Semiconductor (TI) LMX2541 Datasheet HTML 7Page - National Semiconductor (TI) LMX2541 Datasheet HTML 8Page - National Semiconductor (TI) LMX2541 Datasheet HTML 9Page - National Semiconductor (TI) LMX2541 Datasheet HTML 10Page - National Semiconductor (TI) LMX2541 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCO Specifications
f
VCO
Internal VCO Frequency Range
Mode = Full Chip Mode
This is the frequency before the
VCO divider.
2060E
1990
2240
MHz
2380E
2200
2530
2690E
2490
2865
3030E
2810
3230
3320E
3130
3600
3740E
3480
4000
ΔT
CL
Maximum Allowable
Temperature Drift for
Continuous Lock
(Note 6),(Note 8)
125
°C
p
RFout
RF Output Power
Maximum Frequency
Default Power Mode
VCO_DIV=1
2060E
3.5
dBm
2380E
2.8
2690E
1.6
3030E
1.2
3320E
0.2
3740E
- 0.3
ΔP
RFout
Change in Output Power
(Note 6)
Fixed Temperature with 100 MHz frequency change at
the output
1
dB
Fixed frequency with a change over the entire
temperature range
0.5
K
Vtune
Fine Tuning Sensitivity
The lower number in the range
applies when the VCO is at its
lowest frequency and the higher
number applies when the VCO is
at its highest frequency. A linear
approximation can be used for
frequencies between these two
cases.
2060E
13 - 23
MHz/V
2380E
16 - 30
2690E
17 - 32
3030E
20 - 37
3320E
21 - 37
3740E
27 - 42
HS
RFout
Second Harmonic
Default Power
Mode
(Note 5)
50 Ω Load
VCO_DIV=1
2060E
-20
-15
dBc
2380E
2690E
3030E
3320E
3740E
VCO_DIV=3
2060E
-20
-15
2380E
2690E
3030E
3320E
3740E
PSH
VCO
VCO Frequency Pushing
C
VregVCO = 4.7 µF,Open Loop
600
kHz/V
PULL
VC
O
VCO Frequency Pulling
VSWR 1.7 to 1
(6 dB Pad)
VCO_DIV = 1
±800
kHz
VCO_DIV > 1
±60
σΦ
RMS Phase Error
Integration Bandwidth
= 100 Hz to 20 MHz
Middle VCO Frequency
100 MHz Wenzel Crystal
Reference
Integer Mode
Optimized Loop Bandwidth
2060E
1.6
mRad
2380E
1.8
2690E
2.1
3030E
2.1
3320E
2.3
3740E
2.6
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com