Electronic Components Datasheet Search
  English  ▼

X  

LMX2541 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2541
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2541 Datasheet HTML 1Page - National Semiconductor (TI) LMX2541 Datasheet HTML 2Page - National Semiconductor (TI) LMX2541 Datasheet HTML 3Page - National Semiconductor (TI) LMX2541 Datasheet HTML 4Page - National Semiconductor (TI) LMX2541 Datasheet HTML 5Page - National Semiconductor (TI) LMX2541 Datasheet HTML 6Page - National Semiconductor (TI) LMX2541 Datasheet HTML 7Page - National Semiconductor (TI) LMX2541 Datasheet HTML 8Page - National Semiconductor (TI) LMX2541 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Absolute Maximum Ratings (Notes 1, 2, 3)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors
for availability and specifications.
Parameter
Symbol
Ratings
Units
Power Supply Voltage
Vcc
-0.3 to 3.6
V
Input Voltage to pins other than Vcc Pins
(Note 4)
V
IN
-0.3 to (Vcc+0.3)
V
IN
Storage Temperature
Range
T
STG
-65 to 150
°C
Lead Temperature (solder 4 sec.)
T
L
+ 260
°C
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
(All Vcc Pins)
Vcc
3.15
3.3
3.45
V
Ambient Temperature
T
A
-40
+85
°C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only to for the test conditions listed.
Note 2: This Device is a high performance RF integrated circuit with an ESD rating < 2kV and is ESD sensitive. Handling and assembly of this device should only
be done at ESD-free workstations.
Note 3: Stresses in excess of the absolute maximum ratings can cause permanent or latent damage to the device. These are absolute stress ratings only.
Functional operation of the device is only implied at these or any other conditions in excess of those given in the
Note 4: Never to exceed 3.6 V.
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com