Electronic Components Datasheet Search
  English  ▼

X  

DS3104 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS3104
Description  Line Card Timing IC with Synchronous Ethernet Support
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3104 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS3104 Datasheet HTML 71Page - Maxim Integrated Products DS3104 Datasheet HTML 72Page - Maxim Integrated Products DS3104 Datasheet HTML 73Page - Maxim Integrated Products DS3104 Datasheet HTML 74Page - Maxim Integrated Products DS3104 Datasheet HTML 75Page - Maxim Integrated Products DS3104 Datasheet HTML 76Page - Maxim Integrated Products DS3104 Datasheet HTML 77Page - Maxim Integrated Products DS3104 Datasheet HTML 78Page - Maxim Integrated Products DS3104 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
________________________________________________________________________________________ DS3104-SE
19-4627; Rev 6; 5/09
75 of 136
Register Name:
MCR4
Register Description:
Master Configuration Register 4
Register Address:
35h
Bit #
7
6
5
4
3
2
1
0
Name
LKT4T0
—
—
—
T4FORCE[3:0]
Default
0
0
0
0
0
0
0
0
Bit 7: Lock T4 to T0 (LKT4T0). When this bit is set to 1 (and T0CR1:T4APT0 = 0) all output clocks are generated
from the T0 DPLL, and the T4CR1:T4FREQ field selects the frequency of the T4 APLL. See Section 7.8.2.2. When
LKT4T0 = 0, the T4 APLL can be locked to either the T4 DPLL or the T0 DPLL, depending on the setting of
T0CR1:T4APT0.
0 = T4 APLL can lock to either T4 or the T0 DPLL.
1 = T4 APLL always locked to the T0 DPLL.
Bits 3 to 0: T4 DPL Force Selected Reference (T4FORCE[3:0]). This field provides a way to force a specified
input clock to be the selected reference for the T4 DPLL. Internally this is accomplished by forcing the clock to have
the highest priority (as specified in PTAB1:REF1). Since the T4 DPLL always operates in revertive mode, the
forced clock automatically becomes the selected reference (as specified in PTAB1:SELREF) as well.
When a reference is forced, the activity monitor for that input continues to operate and affect the relevant ISR,
VALSR and MSR register bits. However, when the reference is declared invalid, the T4 DPLL is not allowed to
switch to another input clock. See Section 7.6.3.
0000 = Automatic source selection (normal operation)
0001 = Force to IC1
0010 = Force to IC2
0011 = Force to IC3
0100 = Force to IC4
0101 = Force to IC5
0110 = Force to IC6
0111 = {unused value}
1000 = Force to IC8
1001 = Force to IC9
1010–1110 = {unused value}
1111 = Automatic source selection (normal operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com