Electronic Components Datasheet Search
  English  ▼

X  

DS3104 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS3104
Description  Line Card Timing IC with Synchronous Ethernet Support
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3104 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS3104 Datasheet HTML 15Page - Maxim Integrated Products DS3104 Datasheet HTML 16Page - Maxim Integrated Products DS3104 Datasheet HTML 17Page - Maxim Integrated Products DS3104 Datasheet HTML 18Page - Maxim Integrated Products DS3104 Datasheet HTML 19Page - Maxim Integrated Products DS3104 Datasheet HTML 20Page - Maxim Integrated Products DS3104 Datasheet HTML 21Page - Maxim Integrated Products DS3104 Datasheet HTML 22Page - Maxim Integrated Products DS3104 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 136 page
background image
________________________________________________________________________________________ DS3104-SE
19-4627; Rev 6; 5/09
19 of 136
7.4
Input Clock Configuration
The DS3104-SE has eight input clocks: IC1 to IC6, IC8, and IC9. Table 7-1 provides summary information about
each clock, including signal format and available frequencies. The device tolerates a wide range of duty cycles on
input clocks, out to a minimum high time or minimum low time of 3ns or 30% of the clock period, whichever is
smaller.
7.4.1 Signal Format Configuration
Inputs with CMOS/TTL signal format accept both TTL and 3.3V CMOS levels. One key configuration bit that affects
the available frequencies is the SONSDH bit in MCR3. When SONSDH = 1 (SONET mode), the 1.544MHz
frequency is available. When SONSDH = 0 (SDH mode), the 2.048MHz frequency is available. During reset the
default value of this bit is latched from the SONSDH pin.
Input clocks IC1, IC2, IC5, and IC6 can be configured to accept LVDS, LVPECL, or CMOS/TTL signals by using
the proper set of external components. The recommended LVDS termination is shown in Figure 10-1 while the
recommended LVPECL termination is shown in Figure 10-2. The electrical specifications for these inputs are listed
in Table 10-4. To configure these differential inputs to accept single-ended CMOS/TTL signals, use a voltage-
divider to bias the ICxNEG pin to approximately 1.4V and connect the single-ended signal to the ICxPOS pin. If a
differential input is not used it should be configured left floating (one input is internally pulled high and the other
internally pulled low). (See also MCR5:IC5SF and IC6SF.)
Table 7-1. Input Clock Capabilities
INPUT CLOCK
SIGNAL FORMATS
FREQUENCIES (MHz)
DEFAULT FREQUENCY
IC1
LVDS/LVPECL or CMOS/TTL
Up to 156.25 (2)
8kHz
IC2
LVDS/LVPECL or CMOS/TTL
Up to 156.25 (2)
8kHz
IC3
CMOS/TTL
Up to 125 (1)
8kHz
IC4
CMOS/TTL
Up to 125 (1)
8kHz
IC5
LVDS/LVPECL or CMOS/TTL
Up to 156.25 (2)
19.44MHz
IC6
LVDS/LVPECL or CMOS/TTL
Up to 156.25 (2)
19.44MHz
IC8
CMOS/TTL
Up to 125 (1)
19.44MHz
IC9
CMOS/TTL
Up to 125 (1)
19.44MHz
Note 1: Available frequencies for CMOS/TTL input clocks are: 2kHz, 4kHz, 8kHz, 1.544MHz (SONET mode), 2.048MHz (SDH mode),
6.312MHz, 6.48MHz, 19.44MHz, 25.0MHz, 25.92MHz, 38.88MHz, 51.84MHz, 62.5MHz, 77.76MHz, and any multiple of 2kHz up to 125MHz.
Note 2: Available frequencies for LVDS/LVPECL input clocks include all CMOS/TTL frequencies in Note 1 plus any multiple of 8kHz up to
155.52MHz and 156.25MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com