Electronic Components Datasheet Search
  English  ▼

X  

DS3104 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS3104
Description  Line Card Timing IC with Synchronous Ethernet Support
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3104 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS3104 Datasheet HTML 45Page - Maxim Integrated Products DS3104 Datasheet HTML 46Page - Maxim Integrated Products DS3104 Datasheet HTML 47Page - Maxim Integrated Products DS3104 Datasheet HTML 48Page - Maxim Integrated Products DS3104 Datasheet HTML 49Page - Maxim Integrated Products DS3104 Datasheet HTML 50Page - Maxim Integrated Products DS3104 Datasheet HTML 51Page - Maxim Integrated Products DS3104 Datasheet HTML 52Page - Maxim Integrated Products DS3104 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
________________________________________________________________________________________ DS3104-SE
19-4627; Rev 6; 5/09
49 of 136
the data on SDO, increment its address counter, and prefetch the following byte. After the address counter reaches
3FFFh, it rolls over to address 0000h and continues to increment.
Early Termination of Bus Transactions. The bus master can terminate SPI bus transactions at any time by
pulling
CS high. In response to early terminations, the DS3104-SE resets its SPI interface logic and waits for the
start of the next transaction. If a write transaction is terminated prior to the SCLK edge that latches the LSB of a
data byte, the data byte is not written.
Design Option: Wiring SDI and SDO Together. Because communication between the bus master and the
DS3104-SE is half-duplex, the SDI and SDO pins can be wired together externally to reduce wire count. To support
this option, the bus master must not drive the SDI/SDO line when the DS3104-SE is transmitting.
AC Timing. See Table 10-10 and Figure 10-4 for AC timing specifications for the SPI interface.
Figure 7-5. SPI Clock Phase Options
MSB
LSB
6
5
4
3
2
1
CS
SCLK
SDI/SDO
CLOCK EDGE USED FOR DATA CAPTURE (ALL MODES)
CPOL = 0, CPHA = 0
CPOL = 0, CPHA = 1
CPOL = 1, CPHA = 0
CPOL = 1, CPHA = 1
SCLK
SCLK
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com