Electronic Components Datasheet Search
  English  ▼

X  

DS3104 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3104
Description  Line Card Timing IC with Synchronous Ethernet Support
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3104 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3104 Datasheet HTML 17Page - Maxim Integrated Products DS3104 Datasheet HTML 18Page - Maxim Integrated Products DS3104 Datasheet HTML 19Page - Maxim Integrated Products DS3104 Datasheet HTML 20Page - Maxim Integrated Products DS3104 Datasheet HTML 21Page - Maxim Integrated Products DS3104 Datasheet HTML 22Page - Maxim Integrated Products DS3104 Datasheet HTML 23Page - Maxim Integrated Products DS3104 Datasheet HTML 24Page - Maxim Integrated Products DS3104 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
________________________________________________________________________________________ DS3104-SE
19-4627; Rev 6; 5/09
21 of 136
7.5
Input Clock Monitoring
Each input clock is continuously monitored for activity. Activity monitoring is described in Sections 7.5.2 and 7.5.3.
The valid/invalid state of each input clock is reported in the corresponding real-time status bit in registers VALSR1
or VALSR2. When the valid/invalid state of a clock changes, the corresponding latched status bit is set in registers
MSR1 or MSR2, and an interrupt request occurs if the corresponding interrupt enable bit is set in registers IER1 or
IER2. Input clocks marked invalid cannot be automatically selected as the reference for either DPLL. If the T4
DPLL does not have any valid input clocks available, the T4NOIN status bit is set to 1 in MSR3.
7.5.1 Frequency Monitoring
The DS3104-SE monitors the frequency of each input clock and invalidates any clock whose frequency is more
than 10,000ppm away from nominal. The frequency range monitor can be disabled by clearing the MCR1.FREN
bit. The frequency range measurement uses the internal 204.8MHz master clock as the frequency reference.
7.5.2 Activity Monitoring
Each input clock is monitored for activity and proper behavior using a leaky bucket accumulator. A leaky bucket
accumulator is similar to an analog integrator: the output amplitude increases in the presence of input events and
gradually decays in the absence of events. When events occur infrequently, the accumulator value decays fully
between events and no alarm is declared. When events occur close enough together, the accumulator increments
faster than it can decay and eventually reaches the alarm threshold. After an alarm has been declared, if events
occur infrequently enough, the accumulator can decay faster than it is incremented and eventually reaches the
alarm clear threshold. The leaky bucket events come from the frequency range and fast activity monitors.
The leaky bucket accumulator for each input clock can be assigned one of four configurations (0 to 3) in the
BUCKET field of the
14
ICR registers. Each leaky bucket configuration has programmable size, alarm declare
threshold, alarm clear threshold, and decay rate, all of which are specified in the LBxy registers.
Activity monitoring is divided into 128ms intervals. The accumulator is incremented once for each 128ms interval in
which the input clock is inactive for more than two cycles (more than four cycles for 155.52MHz, 156.25MHz,
125MHz, 62.5MHz, 25MHz and 10MHz input clocks). Thus, the “fill” rate of the bucket is at most 1 unit per 128ms,
or approximately 8 units/second. During each period of 1, 2, 4, or 8 intervals (programmable), the accumulator
decrements if no irregularities occur. Thus the “leak” rate of the bucket is approximately 8, 4, 2, or 1 units/second.
A leak is prevented when a fill event occurs in the same interval.
When the value of an accumulator reaches the alarm threshold (LBxU register), the corresponding ACT alarm bit is
set to 1 in the
4
ISR registers, and the clock is marked invalid in the VALSR registers. When the value of an
accumulator reaches the alarm clear threshold (LBxL register), the activity alarm is cleared by clearing the clock’s
ACT bit. The accumulator cannot increment past the size of the bucket specified in the LBxS register. The decay
rate of the accumulator is specified in the LBxD register. The values stored in the leaky bucket configuration
registers must have the following relationship at all times: LBxS ≥ LBxU > LBxL.
When the leaky bucket is empty, the minimum time to declare an activity alarm in seconds is LBxU / 8 (where the x
in LBxU is the leaky bucket configuration number, 0 to 3). The minimum time to clear an activity alarm in seconds is
2^LBxD * (LBxS – LBxL) / 8. As an example, assume LBxU = 8, LBxL = 1, LBxS = 10, and LBxD = 0. The minimum
time to declare an activity alarm would be 8 / 8 = 1 second. The minimum time to clear the activity alarm would be
2^0 * (10 – 1) / 8 = 1.125 seconds.
7.5.3 Selected Reference Activity Monitoring
The input clock that each DPLL is currently locked to is called the selected reference. The quality of a DPLL’s
selected reference is exceedingly important, since missing cycles and other anomalies on the selected reference
can cause unwanted jitter, wander, or frequency offset on the output clocks. When anomalies occur on the selected
reference they must be detected as soon as possible to give the DPLL opportunity to temporarily disconnect from
the reference until the reference is available again. By design, the regular input clock activity monitor (Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com