Electronic Components Datasheet Search
  English  ▼

X  

MAX11080 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 6Page - Maxim Integrated Products MAX11080 Datasheet HTML 7Page - Maxim Integrated Products MAX11080 Datasheet HTML 8Page - Maxim Integrated Products MAX11080 Datasheet HTML 9Page - Maxim Integrated Products MAX11080 Datasheet HTML 10Page - Maxim Integrated Products MAX11080 Datasheet HTML 11Page - Maxim Integrated Products MAX11080 Datasheet HTML 12Page - Maxim Integrated Products MAX11080 Datasheet HTML 13Page - Maxim Integrated Products MAX11080 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
10
______________________________________________________________________________________
MAX11080
VDDU
ALRMU
AGND
CD
HV
DCIN
C3DC
3.3nF
630V
GNDU
CHV
1
µF
6V
R2DC
20k
Ω
RDCIN
5k
Ω
CDCIN
0.1
µF
80V
CDLY
15nF TO 16.5
µF CERAMIC CAP
CDD
1
µF
6V
CP
0.01
µF
100V
GNDU
GNDU
GNDU
DPROT
5.6V
SMCJ70
FUSE
C12
R9
C8
CELL 8
MODULE+(N)
MODULE-(N)
MODULE-(N+1)
BUS BAR
BUS BAR
C11
C10
C9
C8
C7
R8
C7
CELL 7
C6
R7
C6
CELL 6
C5
R6
C5
CELL 5
C4
R5
C4
CELL 4
C3
R4
C3
CELL 3
C2
R3
C2
CELL 2
C1
R2
C1
CELL 1
C0
MODULE
N+1
CELL STACK
MODULE
N+1
GND REFERENCE
MODULE
N-1
CELL STACK
MODULE
N-1
GNDU TAKEOFF
LOCAL
GROUND
R1DC
150k
Ω
RSHD2
20k
Ω
RSHD
200k
Ω
SHDN
ALRML
GNDU
CP+
CP-
CA
1
µF
6V
VAA
ALRML
OVSEL3
OVSEL2
OVSEL1
OVSEL0
UVSEL2
UVSEL1
UVSEL0
TOPSEL
SHDN
DAISY-CHAIN BUS
TO UPPER MODULES
MODULE
N+1
ISOLATOR
AND
CONTROL
INTERFACE
VAA
JUMPER BANK
R2–R9 = 10k
Ω
C1–C8 = 0.1
µF/80V
Figure 4. Application Circuit Diagram for an 8-Cell System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com