Electronic Components Datasheet Search
  English  ▼

X  

MAX11080 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 19Page - Maxim Integrated Products MAX11080 Datasheet HTML 20Page - Maxim Integrated Products MAX11080 Datasheet HTML 21Page - Maxim Integrated Products MAX11080 Datasheet HTML 22Page - Maxim Integrated Products MAX11080 Datasheet HTML 23Page - Maxim Integrated Products MAX11080 Datasheet HTML 24Page - Maxim Integrated Products MAX11080 Datasheet HTML 25Page - Maxim Integrated Products MAX11080 Datasheet HTML 26Page - Maxim Integrated Products MAX11080 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
26
______________________________________________________________________________________
PIN
NUMBER
NAME
ACTION
EFFECT
Open (or Disconnected)
No effect.
29
AGND
Short to Pin 30
No effect.
Open (or Disconnected)
No effect.
30
AGND
Short to Pin 31
If pin TOPSEL is set high (VAA), it causes the short between VAA and AGND.
ALRML is low.
There is no effect if TOPSEL is set low.
Open (or Disconnected)
If the part is the topmost device in the daisy chain, the ALRML is set high as
the state of TOPSEL is low (internally pulled down).
There are no other effects as the state of the pin stays the same (both low).
31
TOPSEL
Short to Pin 32
No effect if TOPSEL is set low.
If TOPSEL is set high, it causes the short between VAA and AGND and ALRML
is low.
Open (or Disconnected)
No effect.
32
AGND
Short to Pin 33
No effect.
Open (or Disconnected)
No effect.
33
N.C.
Short to Pin 34
No effect.
Open (or Disconnected)
ALRMU is internally pulled up to VDDU. There is no effect to the topmost
device. Otherwise, the communication of the chain is broken and the alarm
signal from the parts close to the topmost device are not passed through.
Since ALRML is a reflection of ALRMU, the state of ALRML is high for the no-
alarm state.
34
ALRMU
Short to Pin 35
No effect for the topmost device. Otherwise, the communication of the chain is
broken and the alarm signal from the parts close to the topmost are not
passed through. Since ALRML is a reflection of ALRMU, the state of ALRML is
low for the no-alarm state.
Open (or Disconnected)
The ALRML goes high. VDDU floats down approximately 4V. (See Note 8.)
35
GNDU
Short to Pin 36
The ALRML is high. (See Note 8).
Open (or Disconnected)
ALRML goes high. HV is approximately 0.4V below DCIN. (See Note 8.)
36
VDDU
Short to Pin 37
ALRML goes high. VDDU is approximately 0.5V lower than GNDU.
(See Note 8.)
Open (or Disconnected)
ALRML goes high. VDDU and HV collapse.
37
CP-
Short to Pin 38
ALRML goes high. VDDU is approximately 0.5V lower than GNDU.
(See Note 8.)
38
CP+
Open (or Disconnected)
ALRML goes high. VDDU and HV collapse. (See Note 8.)
Table 4. FEMA Analysis (Note 5) (continued)
Note 5: If the cell voltage is within the monitor range, the heartbeat signal on the ALRML resumes once the fault condition is
removed.
Note 6: The voltage level of high is equal to VAA and low is equal to AGND.
Note 7: Even if the pin has internal pulldown, the pulldown is very weak and the pin should be tied to AGND for logic 0 setting.
Note 8: VDDU - GNDU = 3.3 - V and HV - DCIN = 3.6V for the typical configuration. When VDDU and HV collapse, VDDU - GNDU ≈
0 - V and HV - DCIN
≈ -0.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com