Electronic Components Datasheet Search
  English  ▼

X  

MAX11080 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 19Page - Maxim Integrated Products MAX11080 Datasheet HTML 20Page - Maxim Integrated Products MAX11080 Datasheet HTML 21Page - Maxim Integrated Products MAX11080 Datasheet HTML 22Page - Maxim Integrated Products MAX11080 Datasheet HTML 23Page - Maxim Integrated Products MAX11080 Datasheet HTML 24Page - Maxim Integrated Products MAX11080 Datasheet HTML 25Page - Maxim Integrated Products MAX11080 Datasheet HTML 26Page - Maxim Integrated Products MAX11080 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
______________________________________________________________________________________
25
PIN
NUMBER
NAME
ACTION
EFFECT
Open (or Disconnected)
The pin defaults to low due to the internal pulldown (see Note 7). The effect
depends on the intended overvoltage setting.
20
OVSEL0
Short to Pin 21
• If pin 20 and pin 21 have the same intended value, there is no effect for the
short.
• If pin 20 and pin 21 have a different setting, the VAA is shorted to AGND.
ALRML goes low.
Open (or Disconnected)
The pin defaults to low due to the internal pulldown (see Note 7). The effect
depends on the intended overvoltage setting.
21
OVSEL1
Short to Pin 22
• If pin 21 and pin 22 have the same intended value, there is no effect for the
short.
• If pin 21 and pin 22 have a different setting, the VAA is shorted to AGND.
ALRML goes low.
Open (or Disconnected)
The pin defaults to low due to the internal pulldown (see Note 7). The effect
depends on the intended overvoltage setting.
22
OVSEL2
Short to Pin 23
• If pin 22 and pin 23 have the same intended value, there is no effect for the
short.
• If pin 22 and pin 23 have a different setting, the VAA is shorted to AGND.
ALRML goes low.
Open (or Disconnected)
The pin defaults to low due to the internal pulldown (see Note 7). The effect
depends on the intended overvoltage setting.
23
OVSEL3
Short to Pin 24
• If pin 23 is set high, there is no effect for the short.
• If pin 23 is set low, the VAA is shorted to AGND. ALRML goes low.
Open (or Disconnected)
ALRML goes high.
24
VAA
Short to Pin 25
ALRML goes low.
Open (or Disconnected)
VAA goes to approximately 100mV and ALRML is approximately 0.5V. There is
no heartbeat if there is a one before the opening.
25
AGND
Short to Pin 26
The device is in shutdown mode. ALRML is low.
Open (or Disconnected)
The pin is internally pulled down and the device goes to the shutdown mode.
ALRML is low.
26
SHDN
Short to Pin 27
ALRML goes high and stays high even if the short is removed. The internal
detect circuit considers this a major failure and the part has to be repowered
up to come out of this state.
Open (or Disconnected)
The signal at the ALRML cannot be seen by the host.
27
ALRML
Short to Pin 28
ALRML goes high and stays high even if the short is removed. The internal
detect circuit considers this a major failure and the part has to be repowered
up to come out of this state.
Open (or Disconnected)
The delay between the fault condition and alarm setting (ALRML goes high)
goes to the minimum. This means there is almost no delay.
28
CD
Short to Pin 29
The delay between the fault condition and alarm setting (ALRML goes high) is
approximately 4s, which is set by the internal watchdog.
Table 4. FEMA Analysis (Note 5) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com