| Electronic Components Datasheet Search |
|
MAX11080 Datasheet(PDF) 23 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX11080 Datasheet(HTML) 23 Page - Maxim Integrated Products |
|
23 / 27 page ![]() 12-Channel, High-Voltage Battery-Pack Fault Monitor ______________________________________________________________________________________ 23 PIN NUMBER NAME ACTION EFFECT Open (or Disconnected) ALRML goes high as it causes an overvoltage to the affected input pair even if the overvoltage is set to the maximum. 8C8 Short to Pin 9 • If short occurs before power-up, the part works as if C8 does not exist because the internal circuit detects the situation and assumes it is what the application intended to do. The monitoring of C8 to C7 is disabled and is not enabled even if the short is removed. • If short occurs after power-up, the situation is treated as a zero voltage input for C8 to C7. ALRML goes high when the undervoltage is enabled. Open (or Disconnected) ALRML goes high as it causes an overvoltage to the affected input pair even if the overvoltage is set to the maximum. 9C7 Short to Pin 10 • If short occurs before power-up, the part works as if C7 does not exist because the internal circuit detects the situation and assumes it is what the application intended to do. The monitoring of C7 to C6 is disabled and is not enabled even if the short is removed. • If short occurs after power-up, the situation is treated as a zero voltage input for C7 to C6. ALRML goes high when the undervoltage is enabled. Open (or Disconnected) ALRML goes high as it causes an overvoltage to the affected input pair even if the overvoltage is set to the maximum. 10 C6 Short to Pin 11 • If short occurs before power-up, the part works as if C6 does not exist because the internal circuit detects the situation and assumes it is what the application intended to do. The monitoring of C6 to C5 is disabled and is not enabled even if the short is removed. • If short occurs after power-up, the situation is treated as a zero voltage input for C6 to C5. ALRML goes high when the undervoltage is enabled. Open (or Disconnected) ALRML goes high as it causes an overvoltage to the affected input pair even if the overvoltage is set to the maximum. 11 C5 Short to Pin 12 • If short occurs before power-up, the part works as if C5 does not exist because the internal circuit detects the situation and assumes it is what the application intended to do. The monitoring of C5 to C4 is disabled and is not enabled even if the short is removed. • If short occurs after power-up, the situation is treated as a zero voltage input for C5 to C4. ALRML goes high when the undervoltage is enabled. Open (or Disconnected) ALRML goes high as it causes an overvoltage to the affected input pair even if the overvoltage is set to the maximum. 12 C4 Short to Pin 13 • If short occurs before power-up, the part works as if C4 does not exist because the internal circuit detects the situation and assumes it is what the application intended to do. The monitoring of C4 to C3 is disabled and is not enabled even if the short is removed. • If short occurs after power-up, the situation is treated as a zero voltage input for C4 to C3. ALRML goes high when the undervoltage is enabled. Table 4. FEMA Analysis (Note 5) (continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |