Electronic Components Datasheet Search
  English  ▼

X  

SC628A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC628A
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628A Datasheet(HTML) 5 Page - Semtech Corporation

  SC628A Datasheet HTML 1Page - Semtech Corporation SC628A Datasheet HTML 2Page - Semtech Corporation SC628A Datasheet HTML 3Page - Semtech Corporation SC628A Datasheet HTML 4Page - Semtech Corporation SC628A Datasheet HTML 5Page - Semtech Corporation SC628A Datasheet HTML 6Page - Semtech Corporation SC628A Datasheet HTML 7Page - Semtech Corporation SC628A Datasheet HTML 8Page - Semtech Corporation SC628A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SC628A
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
I2C Timing
Clock Frequency
f
SCL
400
440
kHz
SCL Low Period(3)
t
LOW
1.3
μs
SCL High Period(3)
t
HIGH
0.6
μs
Data Hold Time(3)
t
HD_DAT
0μs
Data Setup Time(3)
t
SU_DAT
250
ns
Setup Time for Repeated
START Condition(3)
t
SU_STA
0.6
μs
Hold Time for Repeated
START Condition(3)
t
HD_STA
0.6
μs
Setup Time for STOP
Condition(3)
t
SU_STO
0.6
μs
Bus-Free Time Between
STOP and START(3)
t
BUF
1.3
μs
Interface Start-up Time(3)
t
EN
Bus Start-up Time After EN Pin is Pulled High
1
ms
Notes:
(1) Once tripped, flash output will remain disabled until FLEN pin is cycled or reset via serial interface.
(2) Test voltage is V
OUT
= 4.5V — a relatively extreme LED voltage — to force a transition during test. Typically V
OUT
= 3.3V for the white LED at
100mA.
(3) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com