Electronic Components Datasheet Search
  English  ▼

X  

SC628A Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC628A
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628A Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC628A Datasheet HTML 11Page - Semtech Corporation SC628A Datasheet HTML 12Page - Semtech Corporation SC628A Datasheet HTML 13Page - Semtech Corporation SC628A Datasheet HTML 14Page - Semtech Corporation SC628A Datasheet HTML 15Page - Semtech Corporation SC628A Datasheet HTML 16Page - Semtech Corporation SC628A Datasheet HTML 17Page - Semtech Corporation SC628A Datasheet HTML 18Page - Semtech Corporation SC628A Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SC628A
15
Register Map
Address
D7
D6
D5
D4
D3
D2
D1
D0
Reset
Value
Description
0x02
Flash/Spotlight Bits
0(1)
FLTO
Flash/Spotlight Bits
0x10
Flash/Spotlight
Control
Notes:
(1)
Always write a 0 to this bit
Register and Bit Definitions
Flash/Spotlight Control Register (0x02)
This register is used to select the flash or spotlight current
and to configure the flash time-out feature.
Bits D7, D6, D3, D2, D1, D0
The value of bits D7, D6, D3, D2, D1, and D0 are used to
set the current for the flash and spotlight modes. Flash
current values are set in accordance with Table 1 on page
12, and spotlight current values are set in accordance
with Table 2 on page 13.
FLTO
This bit is used to enable the flash safety time-out feature.
The default state is enabled with FLTO = 1. If this bit is set,
the device will turn off the flash after a nominal period of
1s. Two ways to re-enable the flash function after a safety
time-out are:
Pull the FLEN pin low to reset the flash
function
Clear and re-write bits D7, D6 D3, D2, D1, and
D0.
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com