Electronic Components Datasheet Search
  English  ▼

X  

SC628A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC628A
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC628A Datasheet HTML 4Page - Semtech Corporation SC628A Datasheet HTML 5Page - Semtech Corporation SC628A Datasheet HTML 6Page - Semtech Corporation SC628A Datasheet HTML 7Page - Semtech Corporation SC628A Datasheet HTML 8Page - Semtech Corporation SC628A Datasheet HTML 9Page - Semtech Corporation SC628A Datasheet HTML 10Page - Semtech Corporation SC628A Datasheet HTML 11Page - Semtech Corporation SC628A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SC628A
8
Spotlight Mode Ripple — 1x Mode
Time (4.0μs/div)
V
IN (100mVAC/div)
I
OUT
= 275mA, T
A
= 25°C, Spotlight Mode
V
OUT (100mVAC/div)
I
OUT (200mADC/div)
0mA—
Spotlight Mode Ripple — 1.5x Mode
Time (4.0μs/div)
V
IN (100mVAC/div)
I
OUT
= 275mA, T
A
= 25°C, Spotlight Mode
V
OUT (100mVAC/div)
I
OUT (200mADC/div)
0mA—
Flash Mode Ripple — 1x Mode
Time (4.0μs/div)
V
IN (200mVAC/div)
I
OUT
= 1000mA, T
A
= 25°C, Flash Mode
V
OUT (200mVAC/div)
I
OUT (500mADC/div)
0mA—
Flash Mode Ripple — 1.5x Mode
Time (4.0μs/div)
V
IN (200mVAC/div)
I
OUT
= 1000mA, T
A
= 25°C, Flash Mode
V
OUT (200mVAC/div)
I
OUT (500mADC/div)
0mA—
Flash Current Pulse
Time (40ms/div)
V
FLEN (2VDC/div)
V
IN
= 3.7V, I
OUT
= 1000mA, T
A
= 25°C, t
ON
= 100ms
V
OUT (2VDC/div)
I
OUT (500mADC/div)
0mA—
Flash Mode Ripple — 2x Mode
Time (4.0μs/div)
V
IN (200mVAC/div)
I
OUT
= 1000mA, T
A
= 25°C, Flash Mode
V
OUT (200mVAC/div)
I
OUT (500mADC/div)
0mA—
0V—
0V—
Typical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com