Electronic Components Datasheet Search
  English  ▼

X  

SC628A Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC628A
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628A Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC628A Datasheet HTML 12Page - Semtech Corporation SC628A Datasheet HTML 13Page - Semtech Corporation SC628A Datasheet HTML 14Page - Semtech Corporation SC628A Datasheet HTML 15Page - Semtech Corporation SC628A Datasheet HTML 16Page - Semtech Corporation SC628A Datasheet HTML 17Page - Semtech Corporation SC628A Datasheet HTML 18Page - Semtech Corporation SC628A Datasheet HTML 19Page - Semtech Corporation SC628A Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
SC628A
16
Register and Bit Definitions (continued)
Table 1 — Flash Current Codes(1)
Data Bits for Register 02h
Flash Current
8 Bit Word
D7
D6
D5
D4
D3
D2
D1
D0
I
FL (mA)
Hex
x(2)
x(2)
0(3)
1(4)
0000
OFF
00h
01
0(3)
1(4)
1011
300
5Bh
01
0(3)
1(4)
1101
325
5Dh
11
0(3)
1(4)
0101
337.5
D5h
00
0(3)
1(4)
1110
350
1Eh
10
0(3)
1(4)
1010
375
9Ah
00
0(3)
1(4)
0011
400
13h
11
0(3)
1(4)
1001
412.5
D9h
00
0(3)
1(4)
0101
450
15h
11
0(3)
1(4)
1101
487.5
DDh
00
0(3)
1(4)
0111
500
17h
11
0(3)
1(4)
1111
525
DFh
00
0(3)
1(4)
1001
550
19h
00
0(3)
1(4)
1011
600
1Bh
00
0(3)
1(4)
1101
650
1Dh
10
0(3)
1(4)
0101
675
95h
00
0(3)
1(4)
1111
700
1Fh
10
0(3)
1(4)
0111
750
97h
10
0(3)
1(4)
1001
825
99h
10
0(3)
1(4)
1011
875
9Bh
10
0(3)
1(4)
1101
950
9Dh
10
0(3)
1(4)
1111
1000
9Fh
Notes:
(1) Use only the data values shown in Table 1 for flash function.
(2) Either 1 or 0.
(3) Always write a 0 to this bit.
(4) Write a 1 to set the FLTO bit for flash mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com