Electronic Components Datasheet Search
  English  ▼

X  

SC628A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC628A
Description  LED Flash Driver Charge Pump with 1000mA Flash Mode, 275mA Spotlight Mode, and I2C Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC628A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC628A Datasheet HTML 2Page - Semtech Corporation SC628A Datasheet HTML 3Page - Semtech Corporation SC628A Datasheet HTML 4Page - Semtech Corporation SC628A Datasheet HTML 5Page - Semtech Corporation SC628A Datasheet HTML 6Page - Semtech Corporation SC628A Datasheet HTML 7Page - Semtech Corporation SC628A Datasheet HTML 8Page - Semtech Corporation SC628A Datasheet HTML 9Page - Semtech Corporation SC628A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SC628A
6
Typical Characteristics
Spotlight Current — 25mA
19
21
23
25
27
29
31
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 2.97V, IOUT = 25mA, TA = 25°C
Flash Current — 400mA
Flash Current — 875mA
Spotlight Current — 100mA
Spotlight Current — 275mA
Flash Current — 1000mA
340
360
380
400
420
440
460
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 3.41V, IOUT = 400mA, TA = 25°C
85
90
95
100
105
110
115
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 3.14V, IOUT = 100mA, TA = 25°C
200
225
250
275
300
325
350
2.7
3
3.3
3.6
3.9
4.2
VIN (V)
VOUT = 3.32V, IOUT = 275mA, TA = 25°C
VOUT = 3.69V, IOUT = 875mA, TA = 25°C
VIN (V)
575
675
775
875
975
1075
1175
2.7
3
3.3
3.6
3.9
4.2
VOUT = 3.72V, IOUT = 1000mA, TA = 25°C
VIN (V)
700
800
900
1000
1100
1200
1300
2.7
3
3.3
3.6
3.9
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com