Electronic Components Datasheet Search
  English  ▼

X  

SA53 Datasheet(PDF) 6 Page - Cirrus Logic

Part # SA53
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA53 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button SA53 Datasheet HTML 2Page - Cirrus Logic SA53 Datasheet HTML 3Page - Cirrus Logic SA53 Datasheet HTML 4Page - Cirrus Logic SA53 Datasheet HTML 5Page - Cirrus Logic SA53 Datasheet HTML 6Page - Cirrus Logic SA53 Datasheet HTML 7Page - Cirrus Logic SA53 Datasheet HTML 8Page - Cirrus Logic SA53 Datasheet HTML 9Page - Cirrus Logic SA53 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SA53
6
SA53U
P r o d u c t I n n o v a t i o n F r o m
TABLE.PINDESCRIPTIONS
Pin#
PinName
SignalType
Simplified Pin Description
5,9,11,13
SGND
Power
Analog and digital GND – internally connected to PGND
15
1b
Logic Input
Logic high commands 1 phase lower FET to turn on
17
1t
Logic Input
Logic high commands 1 phase upper FET to turn on
19
V
DD
Power
Logic Supply (5V)
21
I1
Analog Output
Phase 1 current sense output
23
DIS2
Logic Input
Logic high places all outputs in a high impedance state
25
TEMP
Logic Output
Thermal indication of die temperature above 135ºC
46,47,48,49 V
S (phase 2)
Power
High Voltage Supply phase 2
33,34,35
OUT 1
Power Output
Half Bridge 1 Power Output
37,38,39,40 PGND (phase 1)
Power
High Current GND Return Path for Power Outputs 1&2
26,27,58,59 HS
Mechanical
Pins connected to the package heat slug
2,4,6,8,10,
12,14,16,18,
20,22,24,28,
32,36,41,42,
43,44,45,50,
54,60,62,64
NC
---
Do Not Connect
.2PinDescriptions
V
S: Supply voltage for the output transistors. These pins require decoupling (1μF capacitor with good high fre-
quency characteristics is recommended) to the PGND pins. The decoupling capacitor should be located as
close to the V
S and PGND pins as possible. Additional capacitance will be required at the VS pins to handle load
current peaks and potential motor regeneration. Refer to the applications section of this datasheet for additional
discussion regarding bypass capacitor selection. Note that V
S pins 29-31 carry only the phase 1 supply current.
Pins 46-49 carry supply current for phase 2. Phase 1 may be operated at a different supply voltage from phase
2. Both V
S voltages are monitored for undervoltage conditions.
OUT,OUT2:These pins are the power output connections to the load. NOTE: When driving an inductive load, it
is recommended that two Schottky diodes with good switching characteristics (fast t
RR specs) be connected to
each pin so that they are in parallel with the parasitic back-body diodes of the output FETs. (See Section 2.6)
PgND:Power Ground. This is the ground return connection for the output FETs. Return current from the load flows
through these pins. PGND is internally connected to SGND through a resistance of a few ohms. See section
2.1 of this datasheet for more details.
SC:Short Circuit output. If a condition is detected on any output which is not in accordance with the input com-
mands, this indicates a short circuit condition and the SC pin goes high. The SC signal is blanked for approxi-
mately 200ns during switching transitions but in high current applications, short glitches may appear on the
SC pin. A high state on the SC output will not automatically disable the device. The SC pin includes an internal
12kΩ series resistor.
b,2b:These Schmitt triggered logic level inputs are responsible for turning the associated bottom, or lower N-
channel output FETs on and off. Logic high turns the bottom N-channel FET on, and a logic low turns the low
side N-channel FET off. If 2b or 2b is high at the same time that a corresponding 1t or 2t input is high, protection
circuitry will turn off both FETs in order to prevent shoot-through on that output phase. Protection circuitry also
includes a dead-time generator, which inserts dead time in the outputs in the case of simultaneous switching of
the top and bottom input signals.
t,2t:These Schmitt triggered logic level inputs are responsible for turning the associated top side, or upper P-
channel FET outputs on and off. Logic high turns the top P-channel FET on, and a logic low turns the top P-
channel FET off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com