Electronic Components Datasheet Search
  English  ▼

X  

SA53 Datasheet(PDF) 12 Page - Cirrus Logic

Part # SA53
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA53 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button SA53 Datasheet HTML 6Page - Cirrus Logic SA53 Datasheet HTML 7Page - Cirrus Logic SA53 Datasheet HTML 8Page - Cirrus Logic SA53 Datasheet HTML 9Page - Cirrus Logic SA53 Datasheet HTML 10Page - Cirrus Logic SA53 Datasheet HTML 11Page - Cirrus Logic SA53 Datasheet HTML 12Page - Cirrus Logic SA53 Datasheet HTML 13Page - Cirrus Logic SA53 Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SA53
2
SA53U
P r o d u c t I n n o v a t i o n F r o m
Typically, the current sense pins source
current into grounded resistors which pro-
vide voltages to the current limit compara-
tors. If instead the current limit resistors are
connected to a voltage output DAC, the
current limit can be controlled dynamically
from the system controller. This technique
essentially reduces the current limit thresh-
old voltage to (Vth-VDAC). During expect-
ed conditions of high torque demand, such
as start-up or reversal, the DAC can adjust
the current limit dynamically to allow pe-
riods of high current. In normal operation
when low current is expected, the DAC
output voltage can increase, reducing the
current limit setting to provide more con-
servative fault protection.
2.6ExTERNALFLYBACK
DIODES
External fly-back diodes will offer superior
reverse recovery characteristics and low-
er forward voltage drop than the internal
back-body diodes. In high current applica-
tions, external flyback diodes can reduce power dissipation and heat-
ing during commutation of the motor current. Reverse recovery time
and capacitance are the most important parameters to consider when
selecting these diodes. Ultra-fast rectifiers offer better reverse recovery
time and Schottky diodes typically have low capacitance. Individual ap-
plication requirements will be the guide when determining the need for
these diodes and for selecting the component which is most suitable.
It INPUT
OUT 1
I1
V
th
I
LIM/DIS1
FiGURE 8. CURRENT LimiT WAVEFORmS
FIgURE9.SChOTTKYDIODES
OUT 1
OUT 2
V
S
V
S
SA53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com