Electronic Components Datasheet Search
  English  ▼

X  

SA53 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SA53
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA53 Datasheet(HTML) 4 Page - Cirrus Logic

  SA53 Datasheet HTML 1Page - Cirrus Logic SA53 Datasheet HTML 2Page - Cirrus Logic SA53 Datasheet HTML 3Page - Cirrus Logic SA53 Datasheet HTML 4Page - Cirrus Logic SA53 Datasheet HTML 5Page - Cirrus Logic SA53 Datasheet HTML 6Page - Cirrus Logic SA53 Datasheet HTML 7Page - Cirrus Logic SA53 Datasheet HTML 8Page - Cirrus Logic SA53 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA53
4
SA53U
P r o d u c t I n n o v a t i o n F r o m
DIODE FORWARD VOLTAGE - TOP FET
(P-Channel)
0
1
2
3
4
5
FORWARD VOLTAGE (V)
0.5
1.5
1.3
1.1
0.9
0.7
DIODE FORWARD VOLTAGE - BOTTOM FET
(N-Channel)
0
1
2
3
4
5
FORWARD VOLTAGE (V)
0.5
1.5
1.3
1.1
0.9
0.7
ON RESISTANCE - TOP FET
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
I
OUT,(A)
V
S=11
V
S=13
V
S=15
V
S>17
10
0
9
8
7
6
5
4
3
2
1
(P-Channel)
ON RESISTANCE - BOTTOM FET
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
10
I
OUT,(A)
V
S=11
V
S=13
V
S=15
V
S=17
V
S>22
0
9
8
7
6
5
4
3
2
1
(N-Channel)
POWER DERATING
0
20
40
60
80
100
120
CASE TEMPERATURE, T
C
-40
120
80
40
0
V
DD SUPPLY CURRENT
4.5
4.6
4.7
4.8
4.9
5
0
50 100 150 200 250 300
FREQUENCY (kHz)
ONE PHASE SWITCHING @
50% DUTY CYCLE; V
S=50V
V
DD SUPPLY CURRENT
4
4.5
5
5.5
6
6.5
7
7.5
8
10
20
30
40
50
60
V
S SUPPLY VOLTAGE (V)
ONE PHASE SWITCHING
FREQUENCY = 20kHz
50% DUTY CYCLE
25°C
125°C
CURRENT SENSE
0.1
1
10
0.01
0.1
1
10
SENSE CURRENT (mA)
V
S SUPPLY CURRENT
20
40
60
80
100
120
140
160
180
0
50 100 150 200 250 300
FREQUENCY (kHz)
ONE PHASE SWITCHING @
50% DUTY CYCLE; V
S=50V
0
V
S SUPPLY CURRENT
0
5
10
15
20
25
V
S SUPPLY VOLTAGE (V)
125°C
25°C
ONE PHASE SWITCHING
FREQUENCY = 20kHz
50% DUTY CYCLE
10
20
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com