Electronic Components Datasheet Search
  English  ▼

X  

SA53 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA53
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA53 Datasheet(HTML) 1 Page - Cirrus Logic

  SA53 Datasheet HTML 1Page - Cirrus Logic SA53 Datasheet HTML 2Page - Cirrus Logic SA53 Datasheet HTML 3Page - Cirrus Logic SA53 Datasheet HTML 4Page - Cirrus Logic SA53 Datasheet HTML 5Page - Cirrus Logic SA53 Datasheet HTML 6Page - Cirrus Logic SA53 Datasheet HTML 7Page - Cirrus Logic SA53 Datasheet HTML 8Page - Cirrus Logic SA53 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SA53
SA53U

P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
The SA53 is a fully integrated switching amplifier de-
signed primarily to drive DC brush motors. Two inde-
pendent half bridges provide over 10 amperes peak
output current under microcontroller or DSC control.
Thermal and short circuit monitoring is provided, which
generates fault signals for the microcontroller to take
appropriate action. A block diagram is provided in Fig-
ure 1.
Additionally, cycle-by-cycle current limit offers user
programmable hardware protection independent of the
microcontroller. Output current is measured using an
innovative low loss technique. The SA53 is built using
a multi-technology process allowing CMOS logic con-
trol and complementary DMOS output power devices
on the same IC. Use of P-channel high side FETs en-
ables 60V operation without bootstrap or charge pump
circuitry.
The Power Quad surface mount package balances ex-
cellent thermal performance with the advantages of a
low profile surface mount package.
FEATURES
♦ Low Cost Intelligent Switching Amplifier
♦ Directly Connects to Most Embedded Micro-
controllers and Digital Signal Controllers
♦ Integrated Gate Driver Logic with Dead-time
Generation and Shoot-through Prevention
♦ Wide Power Supply Range (8.5 V To 60 V)
♦ Over 10A Peak Output Current per Phase
♦ 3A Continuous Output Current per Phase
♦ Independent Current Sensing for each Output
♦ User Programmable Cycle-by-cycle Current
Limit Protection
♦ Over-Current and Over-Temperature Warning
Signals
APPLICATIONS
♦ Bidirectional DC Brush Motors
♦ 2 Unidirectional DC Brush Motors
♦ 2 Independent Solenoid Actuators
♦ Stepper Motors
Switching Amplifier
SA53
P r o d u c t I n n o v a t i o n F r o m
FIgURE.BLOCKDIAgRAm
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
mAY2009
APEX − SA53UREVA
SA53 Switching Amplifier
Vs 1
PG ND 1
Gate
Control
PWM
Signals
O ut 1
O ut 2
PG ND 2
TEM P
GND
Vs 2
V
S +
I
LIM/D IS 1
SC
DIS2
SG ND
Phase 1
Phase 2
Control
Logic
V
DD
I1'
I2'
I1'
I2'
Fault
Logic
I1
I2
1t
1b
2t
2b
V
DD
V
DD


Similar Part No. - SA53

ManufacturerPart #DatasheetDescription
logo
AUK corp
SA5311 AUK-SA5311 Datasheet
205Kb / 3P
LED Lamp
SA5311B AUK-SA5311B Datasheet
205Kb / 3P
LED Lamp
SA5315-F AUK-SA5315-F Datasheet
202Kb / 4P
High Brightness LED Lamp
logo
KODENSHI_AUK CORP.
SA5315-F KODENSHI-SA5315-F Datasheet
273Kb / 3P
LAMP LED
logo
NXP Semiconductors
SA532 PHILIPS-SA532 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
More results

Similar Description - SA53

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2120 NJRC-NJM2120 Datasheet
301Kb / 10P
SWITCHING OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
BC557 FAIRCHILD-BC557 Datasheet
43Kb / 4P
Switching and Amplifier
logo
Analog Devices
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
Audio Switching Amplifier
4/06-Revision 0
logo
Cirrus Logic
SA57 CIRRUS-SA57 Datasheet
870Kb / 14P
Switching Amplifier
logo
Fairchild Semiconductor
BC556BTA FAIRCHILD-BC556BTA Datasheet
49Kb / 4P
Switching and Amplifier
BC547CTA FAIRCHILD-BC547CTA Datasheet
151Kb / 6P
Switching and Amplifier
logo
Analog Devices
AD1990 AD-AD1990_15 Datasheet
405Kb / 16P
Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_15 Datasheet
464Kb / 20P
Audio Switching Amplifier
REV. 0
AD1994 AD-AD1994_15 Datasheet
1Mb / 24P
Audio Switching Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com