Electronic Components Datasheet Search
  English  ▼

X  

SA303 Datasheet(PDF) 9 Page - Cirrus Logic

Part # SA303
Description  3 Phase Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button SA303 Datasheet HTML 5Page - Cirrus Logic SA303 Datasheet HTML 6Page - Cirrus Logic SA303 Datasheet HTML 7Page - Cirrus Logic SA303 Datasheet HTML 8Page - Cirrus Logic SA303 Datasheet HTML 9Page - Cirrus Logic SA303 Datasheet HTML 10Page - Cirrus Logic SA303 Datasheet HTML 11Page - Cirrus Logic SA303 Datasheet HTML 12Page - Cirrus Logic SA303 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SA303
SA303U
9
P r o d u c t I n n o v a t i o n F r o m
SGND
Gate
Control
Vs
OUT A
PGND
At
Ab
SC
TEMP
SC
Logic
Temp
Sense
Ref
Ia
DIS2
I
LIM/DIS1
UVLO
Ia'
Lim b
Lim c
+
_
Vdd
Lim a
Current
Sense
12k
12k
12k
12k
Vth
The block diagram in Figure 5 illustrates the features of the input and output structures of the SA303. For simplicity,
a single phase is shown.
FIgURE.INPUTANDOUTPUTSTRUCTURESFORASINgLEPhASE
Comments
0 0
X
X
X
High-Z
Top and Bottom output FETs for that phase are turned off.
0 1 <V
th
0
0
PGND
Bottom output FET for that phase is turned on.
1 0 <V
th
0
0
VS
Top output FET for that phase is turned on.
1 1
X
X
X
High-Z
Both output FETs for that phase are turned off.
X X >V
th
1
X
High-Z
Voltage on Ia, Ib, or Ic has exceeded Vth, which causes I
LIM/DIS1 to go high.
This internally disables Top and Bottom output FETs for ALL phases.
X X
X
X
1
High-Z
DIS2 pin pulled high, which disables all outputs.
X X
X
Pulled
High X
High-Z
Pulling the I
LIM/DIS1 pin high externally acts as a second disable input,
which disables ALL output FETs.
X X
X
Pulled
Low
0
Determined
by PWM
inputs
Pulling the DIS2 pin low externally disables the cycle-by-cycle current limit
function. The state of the outputs is strictly a function of the PWM inputs.
X X
X
X
X
High-Z
If V
S is below the UVLO threshold all output FETs will be disabled.
TABLE2.TRUThTABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com