Electronic Components Datasheet Search
  English  ▼

X  

SA303 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA303
Description  3 Phase Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303 Datasheet(HTML) 3 Page - Cirrus Logic

  SA303 Datasheet HTML 1Page - Cirrus Logic SA303 Datasheet HTML 2Page - Cirrus Logic SA303 Datasheet HTML 3Page - Cirrus Logic SA303 Datasheet HTML 4Page - Cirrus Logic SA303 Datasheet HTML 5Page - Cirrus Logic SA303 Datasheet HTML 6Page - Cirrus Logic SA303 Datasheet HTML 7Page - Cirrus Logic SA303 Datasheet HTML 8Page - Cirrus Logic SA303 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA303
SA303U
3
P r o d u c t I n n o v a t i o n F r o m
NOTES:
* The specification of SA303A is identical to the specification for SA303 in applicable column to the left.
1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C).
2. Long term operation at elevated temperature will result in reduced product life. De-rate internal power
dissipation to achieve high MTBF.
3. Output current rating may be limited by duty cycle, ambient temperature, and heat sinking. Under any
set of conditions, do not exceed the specified current rating or a junction temperature of 150°C.
Parameter
TestConditions (Note 1)
min
Typ
max
Units
ThERmAL
THERMAL WARNING
135
ºC
THERMAL WARNING HYSTERESIS
40
ºC/W
RESISTANCE, junction to case
Full temperature range
1.25
1.5
ºC/W
TEMPERATURE RANGE, case
Meets Specifications
-40
85
ºC
FIgURE2.64-PINQFP,PACKAgESTYLEhQ
SPECIFICATIONS,continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com