Electronic Components Datasheet Search
  English  ▼

X  

SA303 Datasheet(PDF) 12 Page - Cirrus Logic

Part # SA303
Description  3 Phase Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button SA303 Datasheet HTML 6Page - Cirrus Logic SA303 Datasheet HTML 7Page - Cirrus Logic SA303 Datasheet HTML 8Page - Cirrus Logic SA303 Datasheet HTML 9Page - Cirrus Logic SA303 Datasheet HTML 10Page - Cirrus Logic SA303 Datasheet HTML 11Page - Cirrus Logic SA303 Datasheet HTML 12Page - Cirrus Logic SA303 Datasheet HTML 13Page - Cirrus Logic SA303 Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SA303
2
SA303U
P r o d u c t I n n o v a t i o n F r o m
The current limit feature may be disabled
by tying the I
LIM/DIS1 pin to GND. The
current sense pins will continue to provide
top FET output current information.
Typically, the current sense pins source
current into grounded resistors which pro-
vide voltages to the current limit compara-
tors. If instead the current limit resistors
are connected to a voltage output DAC,
the current limit can be controlled dynami-
cally from the system controller. This tech-
nique essentially reduces the current limit
threshold voltage to (Vth-VDAC). During
expected conditions of high torque de-
mand, such as start-up or reversal, the
DAC can adjust the current limit dynami-
cally to allow periods of high current. In
normal operation when low current is ex-
pected, the DAC output voltage can in-
crease, reducing the current limit setting
to provide more conservative fault protec-
tion.
2.6ExTERNALFLYBACK
DIODES
External fly-back diodes will offer superior reverse recovery character-
istics and lower forward voltage drop than the internal back-body di-
odes. In high current applications, external flyback diodes can reduce
power dissipation and heating during commutation of the motor current.
Reverse recovery time and capacitance are the most important param-
eters to consider when selecting these diodes. Ultra-fast rectifiers offer
better reverse recovery time and Schottky diodes typically have low
capacitance. Individual application requirements will be the guide when
determining the need for these diodes and for selecting the component
which is most suitable.
A
t INPUT
OUTA
Ia
V
th
I
LIM/DIS1
FiGURE 8. CURRENT LimiT WAVEFORmS
FIgURE9.SChOTTKY
DIODES
OUTA
OUTC
OUTB
V
S
V
S
V
S
SA303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com