Electronic Components Datasheet Search
  English  ▼

X  

SA303 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA303
Description  3 Phase Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303 Datasheet(HTML) 1 Page - Cirrus Logic

  SA303 Datasheet HTML 1Page - Cirrus Logic SA303 Datasheet HTML 2Page - Cirrus Logic SA303 Datasheet HTML 3Page - Cirrus Logic SA303 Datasheet HTML 4Page - Cirrus Logic SA303 Datasheet HTML 5Page - Cirrus Logic SA303 Datasheet HTML 6Page - Cirrus Logic SA303 Datasheet HTML 7Page - Cirrus Logic SA303 Datasheet HTML 8Page - Cirrus Logic SA303 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SA303
SA303U

P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
The SA303 is a fully integrated switching amplifier
designed primarily to drive three-phase Brushless
DC (BLDC) motors. Three independent half bridges
provide over 10 amperes peak output current under
microcontroller or DSC control. Thermal and short cir-
cuit monitoring is provided, which generates fault sig-
nals for the microcontroller to take appropriate action.
A block diagram is provided in Figure 1.
Additionally, cycle-by-cycle current limit offers user
programmable hardware protection independent of the
microcontroller. Output current is measured using an
innovative low loss technique. The SA303 is built using
a multi-technology process allowing CMOS logic con-
trol and complementary DMOS output power devices
on the same IC. Use of P-channel high side FETs en-
ables 60V operation without bootstrap or charge pump
circuitry.
The Power Quad surface mount package balances ex-
cellent thermal performance with the advantages of a
low profile surface mount package.
FEATURES
♦ Low Cost 3 Phase Intelligent Switching
Amplifier
♦ Directly Connects to Most Embedded Micro-
controllers and Digital Signal Controllers
♦ Integrated Gate Driver Logic with Dead-Time
Generation and Shoot-through Prevention
♦ Wide Power Supply Range (8.5V To 60V)
♦ Over 10A Peak Output Current per Phase
♦ 3A Continuous Output Current per Phase
♦ Independent Current Sensing for each Output
♦ User Programmable Cycle-by-cycle Current
Limit Protection
♦ Over-Current and Over-Temperature Warning
Signals
APPLICATIONS
♦ 3 phase brushless DC motors
♦ Multiple DC brush motors
♦ 3 independent solenoid actuators
3 Phase Switching Amplifier
SA303
P r o d u c t I n n o v a t i o n F r o m
FIgURE.BLOCKDIAgRAm
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
mAY2009
APEX − SA303UREVA
SA303 Switching Amplifier
Vs (phase A)
PG ND(A&B)
Gate
Control
PWM
Signals
A
B
C
O ut A
O ut B
O ut C
PG ND(C)
TEM P
GND
Vs (phase B&C)
V
S +
I
LIM/D IS 1
SC
DIS2
SG ND
Phase A
Phase C
Phase B
Control
Logic
V
DD
Ia'
Ib'
Ic'
Ia'
Ib'
Ic'
Fault
Logic
Ia
Ic
Ib
At
Ab
Bt
Bb
Ct
Cb
V
DD
V
DD
V
DD


Similar Part No. - SA303

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA30 WTE-SA30 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA30 BYTES-SA30 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA30 DCCOM-SA30 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA30 EIC-SA30 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA303

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
3~phase
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
3 Section Phase Shifter / Amplifier/ Switch
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
3~phase
logo
Cirrus Logic
SA306 CIRRUS-SA306 Datasheet
885Kb / 14P
3 Phase Switching Amplifier
logo
Linear Technology
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
3 phase and single phase switching
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com