Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 1 Page - Analog Devices

  AD5291 Datasheet HTML 1Page - Analog Devices AD5291 Datasheet HTML 2Page - Analog Devices AD5291 Datasheet HTML 3Page - Analog Devices AD5291 Datasheet HTML 4Page - Analog Devices AD5291 Datasheet HTML 5Page - Analog Devices AD5291 Datasheet HTML 6Page - Analog Devices AD5291 Datasheet HTML 7Page - Analog Devices AD5291 Datasheet HTML 8Page - Analog Devices AD5291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
256-/1024-Position, DigiPOT+ Potentiometers with
Maximum ±1% R-Tolerance Error and 20-TP Memory
AD5291/AD5292
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel, 256-/1024-position resolution
20 kΩ nominal resistance
Calibrated ±1% nominal resistor tolerance (resistor
performance mode)
20-time programmable (20-TP) set-and-forget resistance
setting allows multiple time permanent programming
Rheostat mode temperature coefficient: 35 ppm/°C
Voltage divider temperature coefficient: 5 ppm/°C
+9 V to +33 V single-supply operation
±9 V to ±16.5 V dual-supply operation
SPI-compatible serial interface
Wiper setting readback
Power-on refreshed from 20-TP memory
APPLICATIONS
Mechanical potentiometer replacement
Instrumentation: gain and offset adjustment
Programmable voltage-to-current conversion
Programmable filters, delays, and time constants
Programmable power supply
Low resolution DAC replacement
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
A
W
B
RDAC
REGISTER
DATA
SERIAL
INTERFACE
SYNC
SCLK
DIN
POWER-ON
RESET
OTP
MEMORY
BLOCK
VLOGIC
SDO
EXT_CAP
VDD
VSS
GND
AD5291/
AD5292
RESET
RDY
Figure 1.
GENERAL DESCRIPTION
The AD5291/AD5292, members of the Analog Devices, Inc.,
DigiPOT+ family of potentiometers, are single-channel, 256-/
1024-position digital potentiometers1 that combine industry
leading variable resistor performance with nonvolatile memory
(NVM) in a compact package. These devices are capable of
operating across a wide voltage range; supporting both dual
supply operation at ±10.5 V to ±16.5 V and single supply
operation at +21 V to +33 V, while ensuring less than 1% end-
to-end resistor tolerance (R-tolerance) error and offering
20-time programmable (20-TP) memory.
The guaranteed industry-leading low resistor tolerance error
feature simplifies open-loop applications as well as precision
calibration and tolerance matching applications.
1 The terms digital potentiometer and RDAC are used interchangeably.
The AD5291/AD5292 device wiper settings are controllable
through the SPI digital interface. Unlimited adjustments are
allowed before programming the resistance value into the
|20-TP memory. The AD5291/AD5292 do not require any
external voltage supply to facilitate fuse blow and there are
20 opportunities for permanent programming. During 20-TP
activation, a permanent blow fuse command freezes the wiper
position (analogous to placing epoxy on a mechanical trimmer).
The AD5291/AD5292 are available in a compact 14-lead TSSOP
package. The part is guaranteed to operate over the extended
industrial temperature range of −40°C to +105°C.


Similar Part No. - AD5291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5291 AD-AD5291 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
AD5291BRUZ-100 AD-AD5291BRUZ-100 Datasheet
1Mb / 32P
256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-100 AD-AD5291BRUZ-100 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
AD5291BRUZ-100-RL7 AD-AD5291BRUZ-100-RL7 Datasheet
1Mb / 32P
256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-100-RL7 AD-AD5291BRUZ-100-RL7 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
More results

Similar Description - AD5291

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
06-Nov-2000
AD5231 AD-AD5231 Datasheet
562Kb / 24P
Nonvolatile Memory, 1024-Position Digital Potentiometers
REV.0
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5270 AD-AD5270 Datasheet
725Kb / 24P
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
256-Position and 33-Position Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com