Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5291 Datasheet HTML 9Page - Analog Devices AD5291 Datasheet HTML 10Page - Analog Devices AD5291 Datasheet HTML 11Page - Analog Devices AD5291 Datasheet HTML 12Page - Analog Devices AD5291 Datasheet HTML 13Page - Analog Devices AD5291 Datasheet HTML 14Page - Analog Devices AD5291 Datasheet HTML 15Page - Analog Devices AD5291 Datasheet HTML 16Page - Analog Devices AD5291 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 13 of 28
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 18. INL in Normal Mode vs. Code vs. Temperature (AD5292)
0.10
–0.20
–0.15
–0.10
–0.05
0
0.05
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 19. DNL in Normal Mode vs. Code vs. Temperature (AD5292)
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0
32
64
96
128
160
192
224
256
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 20. INL in Normal Mode vs. Code vs. Temperature (AD5291)
0.03
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0
32
64
96
128
160
192
224
256
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 21. DNL in Normal Mode vs. Code vs. Temperature (AD5291)
450
400
350
300
250
200
150
100
50
0
–50
TEMPERATURE (°C)
–40 –30 –20 –10 0
102030405060708090 100
ILOGIC
VDD/VSS = ±15V
VLOGIC = +5V
IDD
ISS
Figure 22. Supply Current (IDD, ISS, ILOGIC) vs. Temperature
700
600
500
400
300
200
100
0
0
256
512
768
1024
0
64
128
192
256
AD5292
AD5291
CODE (Decimal)
VDD = 30V,
VSS= 0V
Figure 23. Rheostat Mode Tempco ΔRWB/ΔT vs. Code (AD5292)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com