Electronic Components Datasheet Search
  English  ▼

X  

AD5291 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5291 Datasheet HTML 5Page - Analog Devices AD5291 Datasheet HTML 6Page - Analog Devices AD5291 Datasheet HTML 7Page - Analog Devices AD5291 Datasheet HTML 8Page - Analog Devices AD5291 Datasheet HTML 9Page - Analog Devices AD5291 Datasheet HTML 10Page - Analog Devices AD5291 Datasheet HTML 11Page - Analog Devices AD5291 Datasheet HTML 12Page - Analog Devices AD5291 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Rating
VDD to GND
−0.3 V to +35 V
VSS to GND
+0.3 V to − 16.5 V
VLOGIC to GND
−0.3 V to + 7 V
VDD to VSS
35 V
VA, VB, VW to GND
VSS − 0.3 V, VDD+ 0.3 V
IA, IB, IW
Pulsed1
Frequency > 10 kHz
±3 mA/d2
Frequency ≤ 10 kHz
±3 mA/√d2
Continuous
±3 mA
Digital Input and Output Voltage to GND
−0.3 V to VLOGIC + 0.3 V
EXT_CAP Voltage to GND
−0.3 V to +7 V
Operating Temperature Range3
−40°C to +105°C
Maximum Junction Temperature (TJ max)
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Pulse duty factor.
3 Includes programming of OTP memory.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by JEDEC specification JESD-51 and the value is
dependent on the test board and test environment.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
14-Lead TSSOP
931
20
°C/W
1 JEDEC 2S2P test board, still air (0 m/sec to 1 m/sec air flow).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com