Electronic Components Datasheet Search
  English  ▼

X  

AD7192 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7192
Description  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7192 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7192 Datasheet HTML 8Page - Analog Devices AD7192 Datasheet HTML 9Page - Analog Devices AD7192 Datasheet HTML 10Page - Analog Devices AD7192 Datasheet HTML 11Page - Analog Devices AD7192 Datasheet HTML 12Page - Analog Devices AD7192 Datasheet HTML 13Page - Analog Devices AD7192 Datasheet HTML 14Page - Analog Devices AD7192 Datasheet HTML 15Page - Analog Devices AD7192 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD7192
Rev. A | Page 12 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
45
40
35
30
25
20
15
10
5
8,388,850
8,388,870
8,388,890
8,388,910
8,388,930
0
200
400
600
800
1000
SAMPLE
8,388,866
8,388,868
8,388,870
8,388,872
8,388,874
8,388,876
8,388,878
8,388,880
8,388,882
8,388,884
Figure 6. Noise (VREF = AVDD = 5 V, Output Data Rate = 4.7 Hz,
Gain = 128, Chop Disabled, Sinc4 Filter)
Figure 9. Noise Distribution Histogram (VREF = AVDD = 5 V,
Output Data Rate = 2400 Hz, Gain = 1, Chop Disabled, Sinc4 Filter)
0
200
400
600
800
1000
SAMPLE
8,388,650
8,388,700
8,388,750
8,388,800
8,388,850
8,388,900
8,388,950
8,389,000
8,389,050
CODE
0
50
100
150
200
8,388,865
8,388,869
8,388,873
8,388,877
8,388,881
8,388,885
Figure 10. Noise (VREF = AVDD = 5 V, Output Data Rate = 2400 Hz,
Gain = 128, Chop Disabled, Sinc4 Filter)
Figure 7. Noise Distribution Histogram (VREF = AVDD = 5 V,
Output Data Rate = 4.7 Hz, Gain = 128, Chop Disabled, Sinc4 Filter)
CODE
0
15
10
5
8,388,740
8,388,800
8,388,860
8,388,920
8,388,980
8,389,040
0
200
400
600
800
1000
SAMPLE
8,388,840
8,388,850
8,388,860
8,388,870
8,388,880
8,388,890
8,388,900
8,388,910
8,388,920
8,388,930
8,388,940
Figure 11. Noise Distribution Histogram (VREF = AVDD = 5 V,
Output Data Rate = 2400 Hz, Gain = 128, Chop Disabled, Sinc4 Filter)
Figure 8. Noise (VREF = AVDD = 5 V, Output Data Rate = 2400 Hz,
Gain = 1, Chop Disabled, Sinc4 Filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com