Electronic Components Datasheet Search
  English  ▼

X  

AD7192 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7192
Description  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7192 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7192 Datasheet HTML 9Page - Analog Devices AD7192 Datasheet HTML 10Page - Analog Devices AD7192 Datasheet HTML 11Page - Analog Devices AD7192 Datasheet HTML 12Page - Analog Devices AD7192 Datasheet HTML 13Page - Analog Devices AD7192 Datasheet HTML 14Page - Analog Devices AD7192 Datasheet HTML 15Page - Analog Devices AD7192 Datasheet HTML 16Page - Analog Devices AD7192 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD7192
Rev. A | Page 13 of 40
5
–2
–1
0
1
2
3
4
–4
–3
–2
–1
01234
VIN (V)
Figure 12. INL (Gain = 1)
20
–20
–15
–10
–5
0
5
10
15
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
VIN (V)
Figure 13. INL (Gain = 128)
170
168
166
164
162
160
156
158
154
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 14. Offset Error (Gain = 1, Chop Disabled)
0.4
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 15. Offset Error (Gain = 128, Chop Disabled)
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
0.999988
0.999990
0.999992
0.999994
0.999996
0.999998
1.000000
1.000002
1.000004
1.000006
1.000008
Figure 16. Gain Error (Gain = 1)
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
127.988
127.990
127.992
127.994
127.996
127.998
128.000
128.002
128.004
Figure 17. Gain Error (Gain = 128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com