Electronic Components Datasheet Search
  English  ▼

X  

AD7192 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7192
Description  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7192 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7192 Datasheet HTML 15Page - Analog Devices AD7192 Datasheet HTML 16Page - Analog Devices AD7192 Datasheet HTML 17Page - Analog Devices AD7192 Datasheet HTML 18Page - Analog Devices AD7192 Datasheet HTML 19Page - Analog Devices AD7192 Datasheet HTML 20Page - Analog Devices AD7192 Datasheet HTML 21Page - Analog Devices AD7192 Datasheet HTML 22Page - Analog Devices AD7192 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD7192
Rev. A | Page 19 of 40
STATUS REGISTER
(RS2, RS1, RS0 = 0, 0, 0; Power-On/Reset = 0x80)
The status register is an 8-bit read-only register. To access the ADC status register, the user must write to the communications register,
select the next operation to be a read, and load Bit RS2, Bit RS1, and Bit RS0 with 0. Table 16 outlines the bit designations for the status
register. SR0 through SR7 indicate the bit locations, SR denoting that the bits are in the status register. SR7 denotes the first bit of the data
stream. The number in parentheses indicates the power-on/reset default status of that bit.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
RDY(1)
ERR(0)
NOREF(0)
PARITY(0)
0(0)
CHD2(0)
CHD1(0)
CHD0(0)
Table 16. Status Register Bit Designations
Bit Location
Bit Name
Description
SR7
RDY
Ready bit for the ADC. This bit is cleared when data is written to the ADC data register. The RDY bit is set
automatically after the ADC data register is read, or a period of time before the data register is updated,
with a new conversion result to indicate to the user that the conversion data should not be read. It is also
set when the part is placed in power-down mode or idle mode or when SYNC is taken low.
The end of a conversion is also indicated by the DOUT/RDY pin. This pin can be used as an alternative to
the status register for monitoring the ADC for conversion data.
SR6
ERR
ADC error bit. This bit is written to at the same time as the RDY bit. This bit is set to indicate that the result
written to the ADC data register is clamped to all 0s or all 1s. Error sources include overrange or under-
range or the absence of a reference voltage. This bit is cleared when the result written to the data register is
within the allowed analog input range again.
SR5
NOREF
No external reference bit. This bit is set to indicate that the selected reference (REFIN1 or REFIN2) is at a
voltage that is below a specified threshold. When set, conversion results are clamped to all 1s. This bit is
cleared to indicate that a valid reference is applied to the selected reference pins. The NOREF bit is enabled
by setting the REFDET bit in the configuration register to 1.
SR4
PARITY
Parity check of the data register. If the ENPAR bit in the mode register is set, the PARITY bit is set if there is
an odd number of 1s in the data register. It is cleared if there is an even number of 1s in the data register.
The DAT_STA bit in the mode register should be set when the parity check is used. When the DAT_STA bit is
set, the contents of the status register are transmitted along with the data for each data register read.
SR3
0
This bit is set to 0.
SR2 to SR0
CHD2 to
CHD0
These bits indicate which channel corresponds to the data register contents. They do not indicate which
channel is presently being converted but indicate which channel was selected when the conversion
contained in the data register was generated.
MODE REGISTER
(RS2, RS1, RS0 = 0, 0, 1; Power-On/Reset = 0x080060)
The mode register is a 24-bit register from which data can be read or to which data can be written. This register is used to select the
operating mode, the output data rate, and the clock source. Table 17 outlines the bit designations for the mode register. MR0 through
MR23 indicate the bit locations, MR denoting that the bits are in the mode register. MR23 denotes the first bit of the data stream. The
number in parentheses indicates the power-on/reset default status of that bit. Any write to the mode register resets the modulator and
filter and sets the RDY bit.
MR23
MR22
MR21
MR20
MR19
MR18
MR17
MR16
MD2(0)
MD1(0)
MD0(0)
DAT_STA(0)
CLK1(1)
CLK0(0)
0
0
MR15
MR14
MR13
MR12
MR11
MR10
MR9
MR8
SINC3(0)
0
ENPAR(0)
CLK_DIV(0)
SINGLE(0)
REJ60(0)
FS9(0)
FS8(0)
MR7
MR6
MR5
MR4
MR3
MR2
MR1
MR0
FS7(0)
FS6(1)
FS5(1)
FS4(0)
FS3(0)
FS2(0)
FS1(0)
FS0(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com