Electronic Components Datasheet Search
  English  ▼

X  

AD7193 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7193
Description  4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7193 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7193 Datasheet HTML 35Page - Analog Devices AD7193 Datasheet HTML 36Page - Analog Devices AD7193 Datasheet HTML 37Page - Analog Devices AD7193 Datasheet HTML 38Page - Analog Devices AD7193 Datasheet HTML 39Page - Analog Devices AD7193 Datasheet HTML 40Page - Analog Devices AD7193 Datasheet HTML 41Page - Analog Devices AD7193 Datasheet HTML 42Page - Analog Devices AD7193 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
AD7193
Rev. A | Page 39 of 56
When the analog input is constant or a channel change occurs,
valid conversions are available at a constant output data rate.
When conversions are being performed on a single channel and
a step change occurs on the analog input, the ADC continues to
output fully settled conversions if the step change is synchronized
with the conversion process. If the step change is asynchronous,
one conversion is output from the ADC, which is not completely
settled (see Figure 30).
ANALOG
INPUT
ADC
OUTPUT
FULLY
SETTLED
1/
fADC
Figure 30. Sinc4 Zero Latency Operation
Table 28 shows examples of output data rate and the corres-
ponding FS values.
Table 28. Examples of Output Data Rates and the
Corresponding Settling Time (Zero Latency)
FS[9:0]
Output Data Rate
Settling Time
480
2.5 Hz
400 ms
96
12.5 Hz
80 ms
80
15 Hz
66.6 ms
Sinc4 50 Hz/60 Hz Rejection
Figure 31 shows the frequency response of the sinc4 filter when
FS[9:0] is set to 96 and the master clock is 4.92 MHz. With zero
latency disabled, the output data rate is equal to 50 Hz. With
zero latency enabled, the output data rate is 12.5 Hz. The sinc4
filter provides 50 Hz (±1 Hz) rejection in excess of 120 dB
minimum, assuming a stable master clock.
–120
–110
0
25
50
75
100
125
150
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 31. Sinc4 Filter Response (FS[9:0] = 96)
Figure 32 shows the frequency response when FS[9:0] is
programmed to 80 and the master clock is equal to 4.92 MHz.
The output data rate is 60 Hz when zero latency is disabled and
15 Hz when zero latency is enabled. The sinc4 filter provides
60 Hz (±1 Hz) rejection of 120 dB minimum, assuming a stable
master clock.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 32. Sinc4 Filter Response (FS[9:0] = 80)
Simultaneous 50 Hz and 60 Hz rejection is obtained when
FS[9:0] is programmed to 480 and the master clock equals
4.92 MHz. The output data rate is 10 Hz when zero latency is
disabled and 2.5 Hz when zero latency is enabled. The sinc4
filter provides 50 Hz (±1 Hz) and 60 Hz (±1 Hz) rejection of
120 dB minimum, assuming a stable master clock.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 33. Sinc4 Filter Response (FS[9:0] = 480)
Simultaneous 50 Hz/60 Hz rejection can also be achieved using
the REJ60 bit in the mode register. When FS[9:0] is set to 96
and REJ60 is set to 1, notches are placed at 50 Hz and 60 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com