Electronic Components Datasheet Search
  English  ▼

X  

ADP1613 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 4 Page - Analog Devices

  ADP1613 Datasheet HTML 1Page - Analog Devices ADP1613 Datasheet HTML 2Page - Analog Devices ADP1613 Datasheet HTML 3Page - Analog Devices ADP1613 Datasheet HTML 4Page - Analog Devices ADP1613 Datasheet HTML 5Page - Analog Devices ADP1613 Datasheet HTML 6Page - Analog Devices ADP1613 Datasheet HTML 7Page - Analog Devices ADP1613 Datasheet HTML 8Page - Analog Devices ADP1613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 4 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, EN, FB to GND
−0.3 V to +6 V
FREQ to GND
−0.3 V to VIN + 0.3 V
COMP to GND
1.0 V to 1.6 V
SS to GND
−0.3 V to +1.3 V
SW to GND
21 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
ESD (Electrostatic Discharge)
Human Body Model
±5 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination.
THERMAL RESISTANCE
Junction-to-ambient thermal resistance (θJA) of the package is
specified for the worst-case conditions, that is, a device soldered
in a circuit board for surface-mount packages. The junction-to-
ambient thermal resistance is highly dependent on the application
and board layout. In applications where high maximum power
dissipation exists, attention to thermal board design is required.
The value of θJA may vary, depending on PCB material, layout,
and environmental conditions.
Table 3.
Package Type
θJA
θJC
Unit
8-Lead MSOP
2-Layer Board1
206.9
44.22
°C/W
4-Layer Board1
162.2
44.22
°C/W
1 Thermal numbers per JEDEC standard JESD 51-7.
BOUNDARY CONDITION
Modeled under natural convection cooling at 25°C ambient
temperature, JESD 51-7, and 1 W power input with 2- and
4-layer boards.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com