Electronic Components Datasheet Search
  English  ▼

X  

ADP1613 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 19Page - Analog Devices ADP1613 Datasheet HTML 20Page - Analog Devices ADP1613 Datasheet HTML 21Page - Analog Devices ADP1613 Datasheet HTML 22Page - Analog Devices ADP1613 Datasheet HTML 23Page - Analog Devices ADP1613 Datasheet HTML 24Page - Analog Devices ADP1613 Datasheet HTML 25Page - Analog Devices ADP1613 Datasheet HTML 26Page - Analog Devices ADP1613 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 23 of 28
DO3316P
4.7µH
C1
10nF
C4
10nF
D3
D2
D5
D4
C5
10nF
C6
10µF
D8
D7
R4
200
Ω
D9
BZT52C5VIS
VGL
–5V
R3
200
Ω
C3
10µF
D5
BZT52C22
C2
1µF
BAV99
BAV99
BAV99
ADP1612/
ADP1613
6
3
7
8
5
2
1
4
VIN
EN
FREQ
SS
SW
FB
COMP
GND
ON
OFF
1.3MHz
650kHz
(DEFAULT)
VOUT = 10V
VIN = 3.3V
CIN
10µF
CSS
COUT
10µF
CCOMP
1200pF
RCOMP
27k
Ω
R1
71.5k
Ω
R2
10k
Ω
D1
VGH
+22V
Figure 75. TFT LCD Bias Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com