Electronic Components Datasheet Search
  English  ▼

X  

ADP1613 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 16Page - Analog Devices ADP1613 Datasheet HTML 17Page - Analog Devices ADP1613 Datasheet HTML 18Page - Analog Devices ADP1613 Datasheet HTML 19Page - Analog Devices ADP1613 Datasheet HTML 20Page - Analog Devices ADP1613 Datasheet HTML 21Page - Analog Devices ADP1613 Datasheet HTML 22Page - Analog Devices ADP1613 Datasheet HTML 23Page - Analog Devices ADP1613 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 20 of 28
ADP1613
6
3
7
8
5
2
1
4
VIN
EN
FREQ
SS
SW
FB
COMP
GND
ON
OFF
VOUT = 12V
VIN = 2.7V TO 5V
L1
6.8µH
CSS
33nF
COUT
10µF
CCOMP
1000pF
RCOMP
10k
Ω
R1
86.6k
Ω
R2
10k
Ω
D1
3A, 40V
CIN
10µF
L1: DO3316P-682ML
D1: MBRA340T3G
R1: ERJ-6ENF8662V
R2: CRCW080510K0FKEA
RCOMP: RC0805JR-0710KL
CCOMP: ECJ-2VB1H102K
CIN: GRM21BR61C106KE15L
COUT: GRM32DR71E106KA12L
CSS: ECJ-2VB1H333K
Figure 59. ADP1613 Step-Up Regulator Configuration
VOUT = 12 V, fSW = 1.3 MHz
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VOUT = 12V
fSW = 1.3MHz
TA = 25°C
ADP1613
VIN = 2.7V
VIN = 3.3V
VIN = 4.2V
VIN = 5.0V
Figure 60. ADP1613 Efficiency vs. Load Current
VOUT = 12 V, fSW = 1.3 MHz
VOUT = 12V
fSW = 1.3MHz
T
TIME (100µs/DIV)
OUTPUT VOLTAGE (100mV/DIV)
AC-COUPLED
LOAD CURRENT (50mA/DIV)
Figure 61. ADP1613 50 mA to 150 mA Load Transient (VIN = 5 V)
VOUT = 12 V, fSW = 1.3 MHz
ADP1613
6
3
7
8
5
2
1
4
VIN
EN
FREQ
SS
SW
FB
COMP
GND
ON
OFF
VOUT = 15V
VIN = 3.3V TO 5.5V
L1
15µH
CSS
33nF
COUT
10µF
CCOMP
1800pF
RCOMP
10k
Ω
R1
110k
Ω
R2
10k
Ω
D1
3A, 40V
CIN
10µF
L1: DO3316P-153ML
D1: MBRA340T3G
R1: ERJ-6ENF1103V
R2: CRCW080510K0FKEA
RCOMP: RC0805JR-0710KL
CCOMP: ECJ-2VB1H182K
CIN: GRM21BR61C106KE15L
COUT: GRM32DR71E106KA12L
CSS: ECJ-2VB1H333K
Figure 62. ADP1613 Step-Up Regulator Configuration
VOUT = 15 V, fSW = 650 kHz
100
90
80
70
60
50
40
30
1
10
100
1k
LOAD CURRENT (mA)
VOUT = 15V
fSW = 650kHz
TA = 25°C
ADP1613
VIN = 3.3V
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
Figure 63. ADP1613 Efficiency vs. Load Current
VOUT = 15 V, fSW = 650 kHz
VOUT = 15V
fSW = 650kHz
T
TIME (100µs/DIV)
OUTPUT VOLTAGE (200mV/DIV)
AC-COUPLED
LOAD CURRENT (50mA/DIV)
Figure 64. ADP1613 50 mA to 150 mA Load Transient (VIN = 5 V)
VOUT = 15 V, fSW = 650 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com