Electronic Components Datasheet Search
  English  ▼

X  

ADP1613 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 20Page - Analog Devices ADP1613 Datasheet HTML 21Page - Analog Devices ADP1613 Datasheet HTML 22Page - Analog Devices ADP1613 Datasheet HTML 23Page - Analog Devices ADP1613 Datasheet HTML 24Page - Analog Devices ADP1613 Datasheet HTML 25Page - Analog Devices ADP1613 Datasheet HTML 26Page - Analog Devices ADP1613 Datasheet HTML 27Page - Analog Devices ADP1613 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 24 of 28
PCB LAYOUT GUIDELINES
For high efficiency, good regulation, and stability, a well-
designed printed circuit board layout is required.
Use the following guidelines when designing printed circuit
boards (also see Figure 34 for a block diagram and Figure 3
for a pin configuration).
•
Keep the low ESR input capacitor, CIN (labeled as C7 in
Figure 76), close to VIN and GND. This minimizes noise
injected into the part from board parasitic inductance.
•
Keep the high current path from CIN (labeled as C7 in
Figure 76) through the L1 inductor to SW and GND as
short as possible.
•
Keep the high current path from VIN through L1, the
rectifier (D1) and the output capacitor, COUT (labeled as
C4 in Figure 76) as short as possible.
•
Keep high current traces as short and as wide as possible.
•
Place the feedback resistors as close to FB as possible to
prevent noise pickup. Connect the ground of the feedback
network directly to an AGND plane that makes a Kelvin
connection to the GND pin.
Figure 76. Example Layout for ADP1612/ADP1613 Boost Application
(Top Layer)
•
Place the compensation components as close as possible to
COMP. Connect the ground of the compensation network
directly to an AGND plane that makes a Kelvin connection
to the GND pin.
•
Connect the softstart capacitor, CSS (labeled as C1 in
Figure 76) as close to the device as possible. Connect the
ground of the softstart capacitor to an AGND plane that
makes a Kelvin connection to the GND pin.
•
Avoid routing high impedance traces from the compensa-
tion and feedback resistors near any node connected to SW
or near the inductor to prevent radiated noise injection.
Figure 77. Example Layout for ADP1612/ADP1613 Boost Application
(Bottom Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com