Electronic Components Datasheet Search
  English  ▼

X  

ADP1613 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1613
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1613 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1613 Datasheet HTML 11Page - Analog Devices ADP1613 Datasheet HTML 12Page - Analog Devices ADP1613 Datasheet HTML 13Page - Analog Devices ADP1613 Datasheet HTML 14Page - Analog Devices ADP1613 Datasheet HTML 15Page - Analog Devices ADP1613 Datasheet HTML 16Page - Analog Devices ADP1613 Datasheet HTML 17Page - Analog Devices ADP1613 Datasheet HTML 18Page - Analog Devices ADP1613 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 15 of 28
The capacitor, C2, is chosen to cancel the zero introduced by
output capacitance, ESR.
To determine the crossover frequency, it is important to note
that, at that frequency, the compensation impedance (ZCOMP)
is dominated by a resistor, and the output impedance (ZOUT) is
dominated by the impedance of an output capacitor. Therefore,
when solving for the crossover frequency, the equation (by
definition of the crossover frequency) is simplified to
Solve for C2 as follows:
COMP
OUT
R
C
ESR
C2
×
=
(19)
1
2
1
=
×
×
π
×
×
×
×
×
=
OUT
C
CS
COMP
MEA
OUT
IN
OUT
FB
VL
C
f
G
R
G
V
V
V
V
A
(15)
For low ESR output capacitance such as with a ceramic
capacitor, C2 is optional. For optimal transient performance,
RCOMP and CCOMP might need to be adjusted by observing the
load transient response of the ADP1612/ADP1613. For most
applications, the compensation resistor should be within the
range of 4.7 kΩ to 100 kΩ and the compensation capacitor
should be within the range of 100 pF to 3.3 nF.
where:
fC is the crossover frequency.
RCOMP is the compensation resistor.
SOFT START CAPACITOR
Solve for RCOMP,
CS
MEA
IN
FB
OUT
OUT
C
COMP
G
G
V
V
V
C
f
R
×
×
×
×
×
×
π
=
2
)
(
2
(16)
Upon startup (EN ≥ 1.6 V), the voltage at SS ramps up slowly
by charging the soft start capacitor (CSS) with an internal 5 μA
current source (ISS). As the soft start capacitor charges, it limits
the peak current allowed by the part to prevent excessive over-
shoot at startup. The necessary soft start capacitor, CSS, for a
specific overshoot and start-up time can be calculated for the
maximum load condition when the part is at current limit by:
where:
VFB = 1.235 V.
GMEA = 80 μA/V.
GCS = 13.4 A/V.
IN
OUT
OUT
C
COMP
V
V
C
f
R
2
)
(
4746
×
×
×
=
(17)
SS
SS
SS
V
t
I
C
Δ
=
(20)
where:
ISS
= 5 μA (typical).
VSS
= 1.2 V.
Δt = startup time, at current limit.
Once the compensation resistor is known, set the zero formed
by the compensation capacitor and resistor to one-fourth of the
crossover frequency, or
COMP
C
COMP
R
f
C
×
×
π
=
2
(18)
If the applied load does not place the part at current limit, the
necessary CSS will be smaller. A 33 nF soft start capacitor results
in negligible input current overshoot at start up, and therefore is
suitable for most applications. However, if an unusually large
output capacitor is used, a longer soft start period is required
to prevent input inrush current.
where CCOMP is the compensation capacitor.
RCOMP
CCOMP
C2
1
COMP
gm
ERROR
AMPLIFIER
2
FB
VBG
Conversely, if fast startup is a requirement, the soft start
capacitor can be reduced or removed, allowing the
ADP1612/ADP1613 to start quickly, but allowing greater
peak switch current.
Figure 35. Compensation Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com