Electronic Components Datasheet Search
  English  ▼

X  

ADT7310 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7310
Description  짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7310 Datasheet HTML 6Page - Analog Devices ADT7310 Datasheet HTML 7Page - Analog Devices ADT7310 Datasheet HTML 8Page - Analog Devices ADT7310 Datasheet HTML 9Page - Analog Devices ADT7310 Datasheet HTML 10Page - Analog Devices ADT7310 Datasheet HTML 11Page - Analog Devices ADT7310 Datasheet HTML 12Page - Analog Devices ADT7310 Datasheet HTML 13Page - Analog Devices ADT7310 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADT7310
Rev. 0 | Page 10 of 24
DIN
0x08
0x20
DATA
SCLK
DOUT
CS
WAIT 240ms MINIMUM
FOR CONVERSION TO FINISH
Figure 14. Typical SPI One-Shot Write to Configuration Register Followed by a Read from the Temperature Value Register
ONE-SHOT MODE
Setting Bit 5 to 1 and Bit 6 to 0 of the configuration register
(Register Address 0x01) enables the one-shot mode. When
this mode is enabled, the ADT7310 immediately completes a
conversion and then goes into shutdown mode.
Wait for a minimum of 240 ms after writing to the one-shot
bits before reading back the temperature from the temperature
value register. This time ensures that the ADT7310 has time to
power up and complete a conversion.
The one-shot mode is useful when one of the circuit design
priorities is to reduce power consumption.
1 SPS MODE
In this mode, the part performs one measurement per second.
A conversion takes only 60 ms, and it remains in the idle state
for the remaining 940 ms period. This mode is enabled by
writing 0 to Bit 5 and 1 to Bit 6 of the configuration register
(Register Address 0x01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com