Electronic Components Datasheet Search
  English  ▼

X  

ADT7310 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7310
Description  짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 3 Page - Analog Devices

  ADT7310 Datasheet HTML 1Page - Analog Devices ADT7310 Datasheet HTML 2Page - Analog Devices ADT7310 Datasheet HTML 3Page - Analog Devices ADT7310 Datasheet HTML 4Page - Analog Devices ADT7310 Datasheet HTML 5Page - Analog Devices ADT7310 Datasheet HTML 6Page - Analog Devices ADT7310 Datasheet HTML 7Page - Analog Devices ADT7310 Datasheet HTML 8Page - Analog Devices ADT7310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADT7310
Rev. 0 | Page 3 of 24
SPECIFICATIONS
TA = −55°C to +150°C; VDD = 2.7 V to 5.5 V; unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy1
±0.5
°C
TA = −40°C to +105°C, VDD = 2.7 V to 3.6 V
±0.7
°C
TA = −55°C to +150°C, VDD = 2.7 V to 3.6 V
±0.8
°C
TA = −40°C to +105°C, VDD = 4.5 V to 5.5 V
±1.0
°C
TA = −55°C to +150°C, VDD = 2.7 V to 5.5 V
ADC Resolution
13
Bits
Twos complement temperature value of sign bit plus 12 ADC bits
(power-up default resolution)
16
Bits
Twos complement temperature value of sign bit plus 15 ADC bits
(Bit 7 = 1 in the configuration register)
Temperature Resolution
13 Bit
0.0625
°C
13-bit resolution (sign + 12-bit)
16 Bit
0.0078
°C
16-bit resolution (sign + 15-bit)
Temperature Conversion Time
240
ms
Continuous conversion and one-shot conversion mode
Fast Temperature Conversion
Time
6
ms
First conversion on power-up only
1 SPS Conversion Time
60
ms
Conversion time for 1 SPS mode
Temperature Hysteresis
0.02
°C
Temperature cycle = 25°C to 125°C, and back to 25°C
Repeatability
0.01
°C
TA = 25°C
DC PSRR
0.1
°C/V
TA = 25°C
DIGITAL OUTPUTS (OPEN DRAIN)
High Output Leakage Current, IOH
0.1
5
μA
CT and INT pins pulled up to 5.5 V
Output High Current
1
mA
VOH = 5 .5V
Output Low Voltage, VOL
0.4
V
IOL = 2 mA @ 5.5 V, IOL = 1 mA @ 3.3 V
Output High Voltage, VOH
0.7 × VDD
V
Output Capacitance, COUT
3
pF
DIGITAL INPUTS
Input Current
±1
μA
VIN = 0 V to VDD
Input Low Voltage, VIL
0.4
V
Input High Voltage, VIH
0.7 × VDD
V
Pin Capacitance
5
10
pF
DIGITAL OUTPUT (DOUT)
Output High Voltage, VOH
VOH − 0.3
V
ISOURCE = ISINK = 200 μA
Output Low Voltage, VOL
0.4
V
IOL = 200 μA
Output Capacitance, COUT
50
pF
POWER REQUIREMENTS
Supply Voltage
2.7
5.5
V
Supply Current
At 3.3 V
210
250
μA
Peak current while converting, SPI interface inactive
At 5.5 V
230
300
μA
Peak current while converting, SPI interface inactive
1 SPS Current
At 3.3V
46
μA
VDD = 3.3 V, 1 SPS mode, TA = 25°C
At 5.5V
65
μA
VDD = 5.5 V, 1 SPS mode, TA = 25°C
Shutdown Current
At 3.3 V
2.0
15
μA
Supply current in shutdown mode
At 5.5 V
4.4
25
μA
Supply current in shutdown mode
Power Dissipation Normal Mode
700
μW
VDD = 3.3 V, normal mode at 25°C
Power Dissipation 1 SPS
150
μW
Power dissipated for VDD = 3.3 V, TA = 25°C
1 Accuracy includes lifetime drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com