Electronic Components Datasheet Search
  English  ▼

X  

ADT7310 Datasheet(PDF) 17 Page - Analog Devices

Part # ADT7310
Description  짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADT7310 Datasheet HTML 13Page - Analog Devices ADT7310 Datasheet HTML 14Page - Analog Devices ADT7310 Datasheet HTML 15Page - Analog Devices ADT7310 Datasheet HTML 16Page - Analog Devices ADT7310 Datasheet HTML 17Page - Analog Devices ADT7310 Datasheet HTML 18Page - Analog Devices ADT7310 Datasheet HTML 19Page - Analog Devices ADT7310 Datasheet HTML 20Page - Analog Devices ADT7310 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADT7310
Rev. 0 | Page 17 of 24
THYST SETPOINT REGISTER
The THYST setpoint 8-bit register (Register Address 0x05) stores
the temperature hysteresis value for the THIGH, TLOW, and TCRIT
temperature limits. The temperature hysteresis value is stored in
straight binary format using four LSBs. Increments are possible
in steps of 1°C from 0°C to 15°C. The value in this register is
subtracted from the THIGH and TCRIT values and added to the
TLOW value to implement hysteresis.
The default setting for the THYST setpoint is 5°C.
THIGH SETPOINT REGISTER
The 16-bit THIGH setpoint register (Register Address 0x06) stores
the overtemperature limit value. An overtemperature event
occurs when the temperature value stored in the temperature
value register exceeds the value stored in this register. The INT pin
is activated if an overtemperature event occurs. The temperature is
stored in twos complement format with the most significant bit
being the temperature sign bit.
The default setting for the THIGH setpoint is 64°C.
TLOW SETPOINT REGISTER
The 16-bit TLOW setpoint register (Register Address 0x07) stores
the undertemperature limit value. An undertemperature event
occurs when the temperature value stored in the temperature
value register is less than the value stored in this register. The
INT pin is activated if an undertemperature event occurs. The
temperature is stored in twos complement format with the MSB
being the temperature sign bit.
The default setting for the TLOW setpoint is 10°C.
Table 12. THYST Setpoint Register (Register Address 0x05)
Bit
Default Value
Type
Name
Description
[0:3]
0101
R/W
THYST
Hysteresis value, from 0°C to 15°C. Stored in straight binary format. The default setting is 5°C.
[4:7]
0000
R/W
N/A
Not used.
Table 13. THIGH Setpoint Register (Register Address 0x06)
Bit
Default Value
Type
Name
Description
[0:15]
0x2000
R/W
THIGH
16-bit overtemperature limit, stored in twos complement format.
Table 14. TLOW Setpoint Register (Register Address 0x07)
Bit
Default Value
Type
Name
Description
[0:15]
0x0500
R/W
TLOW
16-bit undertemperature limit, stored in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com